Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF7936AS Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCF7936AS
Description  Security Transponder (HITAG2)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF7936AS Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCF7936AS Datasheet HTML 8Page - NXP Semiconductors PCF7936AS Datasheet HTML 9Page - NXP Semiconductors PCF7936AS Datasheet HTML 10Page - NXP Semiconductors PCF7936AS Datasheet HTML 11Page - NXP Semiconductors PCF7936AS Datasheet HTML 12Page - NXP Semiconductors PCF7936AS Datasheet HTML 13Page - NXP Semiconductors PCF7936AS Datasheet HTML 14Page - NXP Semiconductors PCF7936AS Datasheet HTML 15Page - NXP Semiconductors PCF7936AS Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
NXP Semiconductors
Product Specification
Security Transponder (HITAG2)
PCF7936AS
2010 May 04
12
CONFIDENTIAL
7.2.2
AUTHORIZED State
The AUTHORIZED state is entered only after successful
device authentication, see START_AUTH command. In
AUTHORIZED state the Transponder Memory, TM, can be
accessed by means of subsequent read and write
commands, see Table 3.
Communication with the device employs plain (Password
Mode) respectively ciphered (Cipher Mode) transmission of
commands and data.
The Transponder Memory is accessed page wise in
accordance with the memory protection configuration.
Table 3. Command Set in AUTHORIZED State
NAME
COMMAND, CMD
CM4
CM3
CM2
CM1
CM0
READ_PAGE
1
1
pg2
pg1
pg0
READ_PAGE_INV
0
1
pg2
pg1
pg0
WRITE_PAGE
1
0
pg2
pg1
pg0
HALT
1)
0
0
X (0)
X (0)
X (1)
Note
1. Any coding of the bits CM[2:0] will force HALT state,
however, for future compatibility the values in brackets
should be applied.
Any read respectively write attempt to a page that is read
respectively write protected by the corresponding bit in the
configuration page, would cause the device to terminate the
AUTHORIZED state and to enter WAIT state.
7.2.3
HALT State
The HALT state may be entered from AUTHORIZED state
only. In HALT state the device is muted and any further
commands are ignored.
To exit the HALT state a transponder LF Field Power-On
Reset condition must be generated, by means of muting
the LF field for the specified time.
7.2.4
READ ONLY State
The READ ONLY state is entered without command
interrogation, after termination of the time-out, tWAIT,SA, see
also section 7.7.
In READ ONLY mode command decoding is disabled and
the device repeatedly transmits user data, according to the
selected Read Only mode, see section 7.5.
The READ ONLY state may be terminated as a result of a
transponder LF Field Power-On Reset condition only, by
means of muting the LF field for the specified time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com