Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF7936AS Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCF7936AS
Description  Security Transponder (HITAG2)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF7936AS Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCF7936AS Datasheet HTML 11Page - NXP Semiconductors PCF7936AS Datasheet HTML 12Page - NXP Semiconductors PCF7936AS Datasheet HTML 13Page - NXP Semiconductors PCF7936AS Datasheet HTML 14Page - NXP Semiconductors PCF7936AS Datasheet HTML 15Page - NXP Semiconductors PCF7936AS Datasheet HTML 16Page - NXP Semiconductors PCF7936AS Datasheet HTML 17Page - NXP Semiconductors PCF7936AS Datasheet HTML 18Page - NXP Semiconductors PCF7936AS Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
NXP Semiconductors
Product Specification
Security Transponder (HITAG2)
PCF7936AS
2010 May 04
15
CONFIDENTIAL
HALT
The command HALT may be issued in AUTHORIZED state
and forces the device to enter the HALT state. For data
integrity reasons the 5 bit command and its complement
have to be send, before the device will accept it, see
Figure 10. If accepted, the command Response consist of
the command itself and its complement.
The 10 bit command sequence may be repeated several
times, if desired, to increase the data integrity level. In the
case that one of the 5 bit commands and its complement
do not match, an error condition occurs that causes the
device to terminate the command, to initialize the device
and to enter the WAIT state. No command Response will
be send by the device in this case.
If the device is configured for Password mode (ENC = 0)
the command sequence is transmitted in plain, while in
Cipher mode (ENC = 1) the whole command sequence is
transmitted ciphered.
READ_PAGE
The command READ_PAGE returns the content of the
designated page. The page designated for reading is
specified by the command bits pg2 to pg0. For data
integrity reasons the 5 bit command and its complement
have to be send, before the device will accept it, see
Figure 11. If accepted, the command Response consists of
the 32 bit content of the designated page. The MSB is send
first.
The 10 bit command sequence may be repeated several
times, if desired, to increase the data integrity level. In the
case that one of the 5 bit commands and its complement
do not match, an error condition occurs that causes the
device to terminate the command, to initialize the device
and to enter the WAIT state. No command Response will
be send by the device in this case.
Subsequent commands may be issued after termination of
tWAIT,Bs.
Any attempt to read a page that is protected against
reading, will be detected and cause an error condition,
upon which the device terminates the command during
tWAIT,Tr and enters the WAIT state. No Response will be
send in this case.
If the device is configured for Password mode (ENC = 0)
the command sequence is transmitted in plain, while in
Cipher mode (ENC = 1) the whole command sequence is
transmitted ciphered.
SEND to
Transponder
RECEIVED from
Transponder
0 0 0 0 1
1 1 1 1 1
tWAIT,Tr
0 0 0 0 1
CM[4:0]
EQ
HALT
1 1 1 1 0
CM[4:0]
CM[4:0]
1 1 1 1 0
CM[4:0]
Figure 10. HALT timing
SEND to
Transponder
RECEIVED from
Transponder
1 1, pg2, pg1, pg0
1 1 1 1 1
tWAIT,Tr
CM[4:0]
EQ
tWAIT,Bs
READ_PAGE
bit 31 ..................... bit 0
0 0, pg2, pg1, pg0
CM[4:0]
Data
Figure 11. READ_PAGE timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com