Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF7936AS Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCF7936AS
Description  Security Transponder (HITAG2)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF7936AS Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCF7936AS Datasheet HTML 19Page - NXP Semiconductors PCF7936AS Datasheet HTML 20Page - NXP Semiconductors PCF7936AS Datasheet HTML 21Page - NXP Semiconductors PCF7936AS Datasheet HTML 22Page - NXP Semiconductors PCF7936AS Datasheet HTML 23Page - NXP Semiconductors PCF7936AS Datasheet HTML 24Page - NXP Semiconductors PCF7936AS Datasheet HTML 25Page - NXP Semiconductors PCF7936AS Datasheet HTML 26Page - NXP Semiconductors PCF7936AS Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
NXP Semiconductors
Product Specification
Security Transponder (HITAG2)
PCF7936AS
2010 May 04
23
CONFIDENTIAL
7.6.2
Write Direction
Transmission
of
data
from
the
basestation
to
the
transponder is accomplished by Amplitude Shift Keying
(ASK) of the LF field with a modulation index as specified.
According to the data designated for transmission, the
basestation coil driver is simply switched ON and OFF (tri-
state) typically. Due to the inductive coupling of the
transponder resonant circuit and the basestation coil, the
voltage of the transponder resonant circuit is modulated
accordingly. Resulting in a two-level amplitude modulation
that is detected by the transponder interface demodulator
circuitry, see Figure 21.
The
PCF7936AS transponder demodulator circuitry has
been optimized for basestations with antenna coil drivers
that perform the LF field modulation by Tri-State switching
of the driver stage.
In write direction Binary Pulse Length Modulation (BPLM) is
applied for data encoding, see Figure 22.
Sending data or commands to the device commences with
an initial write pulse that marks transmission start. A logic
‘0’
or
‘1’
is
signaled
to
the
transponder
by
the
corresponding repetition time (TLOG_0 respectively TLOG_1) of
the write pulse sequence.
The end of the transmitted bit string is marked by a stop
condition. A stop condition is detected by the transponder,
if no write pulse is detected for the specified time (TSTOP).
In the case the bit string transmitted causes the device to
respond with data, modulation of the LF field by the device
does commence after the specified time out (tWAIT,Tr), see
also section 7.3.1.
Violation of the specified timing causes an error condition,
upon which the device enters the WAIT state, see also
section 7.2.
VLF-LOW
Coil
VLF-HIGH
Coil
Figure 21. ASK Modulation of LF Field by the Basestation
Internal Data
BPLM
Encoding
LF field:
High
Low
Stop
Condition
Start of transmission
'1'
'1'
'0'
tWAIT,Tr
End of transmission
Last
Bit
TLOG_0
TLOG_1
TWRP
TSTOP
...
Figure 22. Data Transmission in Write Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com