Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF7936AS Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCF7936AS
Description  Security Transponder (HITAG2)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF7936AS Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCF7936AS Datasheet HTML 15Page - NXP Semiconductors PCF7936AS Datasheet HTML 16Page - NXP Semiconductors PCF7936AS Datasheet HTML 17Page - NXP Semiconductors PCF7936AS Datasheet HTML 18Page - NXP Semiconductors PCF7936AS Datasheet HTML 19Page - NXP Semiconductors PCF7936AS Datasheet HTML 20Page - NXP Semiconductors PCF7936AS Datasheet HTML 21Page - NXP Semiconductors PCF7936AS Datasheet HTML 22Page - NXP Semiconductors PCF7936AS Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
NXP Semiconductors
Product Specification
Security Transponder (HITAG2)
PCF7936AS
2010 May 04
19
CONFIDENTIAL
WRITE_PAGE
The command WRITE_PAGE writes the data supplied with
this command into the designated page. The page
designated for writing is specified by the command bits pg2
to pg0. For data integrity reasons the 5 bit command and
its complement have to be send, before the device will
accept it, see Figure 15. If accepted, the command
Response
consist
of
the
command
itself,
and
the
corresponding complement.
The 10 bit command sequence may be repeated several
times, if desired, to increase the data integrity level. In the
case that one of the 5 bit commands and its complement
do not match, an error condition occurs that causes the
device to terminate the command, to initialize the device
and to enter the WAIT state. No command Response will
be send by the device in this case nor does the designated
page being overwritten.
After termination of tPROG the device checks, if the
EEPROM write operation completed successfully, if not, an
error condition occurs that causes the device to enter the
WAIT state.
In
the
case
the
write
operation
did
not
complete
successfully, the designated EEPROM page may hold an
undefined content or may suffer from a weak programming.
In order to unambiguously verify, whether programming of
the designated page completed properly, the basestation
has to identify, if the device still resides in AUTHORIZED
state or entered WAIT state. Thus, a READ_PAGE or
READ_PAGE_INV
command
should
be
issued
subsequently and monitored, if this command executes
properly.
If the device still resides in AUTHORIZED state, command
execution would complete successfully and after verifying
the data that has been read, proper operation of the
corresponding WRITE_PAGE command can be assumed.
Subsequent commands may be issued after termination of
the final tWAIT,Bs.
Any attempt to write a page that is protected against
overwriting will be detected and cause an error condition,
upon which the device terminates the command during
tWAIT,Tr and enters the WAIT state. No Response will be
send in this case.
If the device is configured for Password mode (ENC = 0)
the command sequence is transmitted in plain, while in
Cipher mode (ENC = 1) the whole command sequence is
transmitted ciphered.
SEND to
Transponder
RECEIVED from
Transponder
1 1 1 1 1
tWAIT,Tr
EQ
tWAIT,Bs
1 0, pg2, pg1, pg0
CM[4:0]
bit 31 ..............bit 0
tWAIT,Bs
tPROG
1 0, pg2, pg1, pg0
CM[4:0]
WRITE_PAGE
0 1, pg2, pg1, pg0
CM[4:0]
0 1, pg2, pg1, pg0
CM[4:0]
tIDLE
Data
SEND to
Transponder
RECEIVED from
Transponder
Figure 15. WRITE_PAGE timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com