Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF7936AS Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCF7936AS
Description  Security Transponder (HITAG2)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF7936AS Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCF7936AS Datasheet HTML 10Page - NXP Semiconductors PCF7936AS Datasheet HTML 11Page - NXP Semiconductors PCF7936AS Datasheet HTML 12Page - NXP Semiconductors PCF7936AS Datasheet HTML 13Page - NXP Semiconductors PCF7936AS Datasheet HTML 14Page - NXP Semiconductors PCF7936AS Datasheet HTML 15Page - NXP Semiconductors PCF7936AS Datasheet HTML 16Page - NXP Semiconductors PCF7936AS Datasheet HTML 17Page - NXP Semiconductors PCF7936AS Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
NXP Semiconductors
Product Specification
Security Transponder (HITAG2)
PCF7936AS
2010 May 04
14
CONFIDENTIAL
7.3.1
Command Description
The general form of a control sequence consists of the
command sequence send to the transponder and an
Equalizer pattern (EQ) and Response received from the
transponder. The general control sequence timing is shown
in Figure 8.
When switching from SEND to RECEIVE and vice versa,
the basestation and control software have to consider the
indicated delays (tWAIT,Tr and tWAIT,Bs), during which the
basestation must not transmit any data or commands.
Depending on the command, the Command Sequence
consists of a minimum of 5 bit respectively 10 bit. For data
integrity reasons memory read and write commands have
to be transmitted in normal coding and in inverted coding
before being accepted by the device, which yields a
minimum Command Sequence of 10 bit.
The Equalizer, EQ, consist of a 5 bit pattern (all ones) for
basestation
settling
and
software
synchronization
purposes. The device response consists of a command
acknowledgment and/or the requested data.
Some operations require additional parameter to be send to
and/or to be received from the device, e.g. WRITE_PAGE
or START_AUTH.
For proper operation, command execution by the device
must not be suspended for more than the specified Idle
time (tIDLE), see Figure 9. Otherwise the device may stop
command decoding, disabling any communication with the
device. In this case, a LF Field Power-On Reset has to be
applied, in order to reset and initialize the circuitry, see
section 7.7. Consequently, the device resumes WAIT state.
As indicated, the Idle time is specified as the time interval
between the last bit received from the transponder and the
last
bit
of
the
Command
Sequence
send
to
the
transponder.
Some
commands
allow
repeating
the
command
several
times
for
data
integrity
reasons,
however, in any case the limitations imposed by the Idle
time have to be considered.
The Idle time applies also for the very first command send
to the device after a device LF Field Power-On Reset
condition, see also section 7.7.
SEND to
Transponder
RECEIVED from
Transponder
Command Sequence
Response
Parameter
tWAIT,Tr
EQ
Parameter
tWAIT,Tr
tWAIT,Bs
EQ
Figure 8. General control sequence timing
tIDLE
SEND to
Transponder
RECEIVED from
Transponder
Response / Parameter
tWAIT,Tr
Command Sequence
Figure 9. Command Idle Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com