Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF7936AS Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF7936AS
Description  Security Transponder (HITAG2)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF7936AS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF7936AS Datasheet HTML 2Page - NXP Semiconductors PCF7936AS Datasheet HTML 3Page - NXP Semiconductors PCF7936AS Datasheet HTML 4Page - NXP Semiconductors PCF7936AS Datasheet HTML 5Page - NXP Semiconductors PCF7936AS Datasheet HTML 6Page - NXP Semiconductors PCF7936AS Datasheet HTML 7Page - NXP Semiconductors PCF7936AS Datasheet HTML 8Page - NXP Semiconductors PCF7936AS Datasheet HTML 9Page - NXP Semiconductors PCF7936AS Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
NXP Semiconductors
Product Specification
Security Transponder (HITAG2)
PCF7936AS
2010 May 04
6
CONFIDENTIAL
6
QUICK REFERENCE DATA
PARAMETER
VALUE
UNIT
Carrier frequency
125
kHz
Data rate
- read
- write
4.0
5.2
kbit/s
kbit/s
Data coding
- read
- write
Manchester or Bi-Phase
Binary Pulse Length Modulation (BPLM)
Data transmission mode
Half-Duplex
Modulation
Amplitude Shift Keying (ASK)
Memory size
256
bit
Identifier (serial number and product type ID)
32
bit
Secret Key (Cipher Mode)
48
bit
Password (Password Mode)
32
bit
Authentication time
39
ms
Special Features
• Ciphered mutual authentication
• Ciphered data transmission
• 128 bit user EEPROM with programmable write protection
• Read/Write Password mode
• Read Only emulation modes (H400x, ISO 11784/85 and PCF7931)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com