Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF7936AS Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCF7936AS
Description  Security Transponder (HITAG2)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF7936AS Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCF7936AS Datasheet HTML 4Page - NXP Semiconductors PCF7936AS Datasheet HTML 5Page - NXP Semiconductors PCF7936AS Datasheet HTML 6Page - NXP Semiconductors PCF7936AS Datasheet HTML 7Page - NXP Semiconductors PCF7936AS Datasheet HTML 8Page - NXP Semiconductors PCF7936AS Datasheet HTML 9Page - NXP Semiconductors PCF7936AS Datasheet HTML 10Page - NXP Semiconductors PCF7936AS Datasheet HTML 11Page - NXP Semiconductors PCF7936AS Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
NXP Semiconductors
Product Specification
Security Transponder (HITAG2)
PCF7936AS
2010 May 04
8
CONFIDENTIAL
MSB
LSB
USER 0
Page 4
Page 5
Page 6
Page 7
USER 1
USER 2
USER 3
IDE
bit 31
bit 0
Page 0
PSW B
X
PSW T
Page 1
Page 2
Page 3
b0
b31
USER 0
Page 4
Page 5
Page 6
Page 7
USER 1
USER 2
USER 3
IDE
Page 0
SK (low)
X
SK (high)
TMCF
PSW T
Page 1
Page 2
Page 3
b0
b31
b32
b47
Password Mode (ENC = 0)
Cipher Mode (ENC = 1)
MSB
LSB
bit 31
bit 0
b0
b23
TMCF
b0
b23
not used
Figure 4. Transponder Memory Map
Note
1. Locations marked ‘X’ are for device internal use. They
are partly initialized and locked against overwriting
during device manufacturing and are not available for
data storage. Any read operation yields an undefined bit
value.
Pages 0 to 3 of the EEPROM memory are reserved for
transponder
configuration
and
personalization,
while
Page 4 to 7 are reserved for user data storage, USER.
According to the selected authorization method, page 1 and
2 do hold a Password, PSW B, (Password mode) or the
Secret Key, SK, (Cipher mode).
7.1.1
Identifier, IDE
The Identifier, IDE, is a factory programmed quasi unique
32 bit pattern that serves the function of a device serial
number (SN) and product type identification (PI). The
Identifier is located in page 0 and supports read access
only, thus cannot be altered.
The product type identification is located in the bits 4 to 7
and factory programmed for all
PCF7936AS devices to
1H, as shown in Figure 5.
SN 0
MSB
LSB
bit 31
87
4 3
0
bit 7
4
6
5
PI
SN 2
SN 3
SN 1
IDE
PI
0
0
1
0
Figure 5. Identifier Organization, IDE
The Identifier, IDE, is transmitted in plain and incorporated
in the process of device authentication, thus used by the
on-chip Calculation Unit as well as by the interrogating
system.
7.1.2
Password Basestation, PSW B
The Password Basestation, PSW B, is applicable in
Password
mode
only
(ENC = 0).
The
Password
Basestation is a 32 bit pattern, which typically is initialized
and subsequently locked by the customer during device
personalization. The Password Basestation is located in
page 1, see Figure 4.
During the process to identify the basestation towards the
transponder,
the
transponder
verifies
the
password
received by the basestation with the password stored in
PSW B. If both match each other, the transponder assumes
successful
identification
of
the
basestation
and
the
authentication sequence is continued, otherwise it is
terminated.
For
details
refer
to
section 7.3.1,
START_AUTH command.
The Password Basestation may be assigned any value that
is considered useful by the application. The PSW B can be
protected against reading and writing by setting the lock bit
SKL, see section 7.1.4
NXP initializes the Password Basestation with a common
Transport Key value as specified (see section 8), in order
to enable initial device access. Since the corresponding
lock bit is not set, the PSW B Transport Key value and
device configuration can be read and modified at any time
as desired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com