Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF7936AS Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCF7936AS
Description  Security Transponder (HITAG2)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF7936AS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCF7936AS Datasheet HTML 5Page - NXP Semiconductors PCF7936AS Datasheet HTML 6Page - NXP Semiconductors PCF7936AS Datasheet HTML 7Page - NXP Semiconductors PCF7936AS Datasheet HTML 8Page - NXP Semiconductors PCF7936AS Datasheet HTML 9Page - NXP Semiconductors PCF7936AS Datasheet HTML 10Page - NXP Semiconductors PCF7936AS Datasheet HTML 11Page - NXP Semiconductors PCF7936AS Datasheet HTML 12Page - NXP Semiconductors PCF7936AS Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
NXP Semiconductors
Product Specification
Security Transponder (HITAG2)
PCF7936AS
2010 May 04
9
CONFIDENTIAL
7.1.3
Secret Key, SK
The Secret Key, SK is applicable in Cipher mode only
(ENC = 1). The Secret Key is a 48 bit pattern, which
typically is initialized and subsequently locked by the
customer during device personalization. The Secret Key is
located in page 1 and 2, see Figure 4.
The 32 least significant bits of SK (bit 31 to bit 0) are
located in page 1 while the 16 most significant bits (bit 47 to
bit 32) are located in page 2 at bit address 0 to 15.
The Immobilizer Secret Key is incorporated in the process
of
device
authentication
and
used
by
the
on-chip
calculation unit as well as by the interrogating system.
However the Immobilizer Secret Key is never transmitted
during the process of device authentication. For details
refer to section 7.3.1, START_AUTH command.
The Secret Key may be assigned any value that is
considered useful by the application. The SK can be
protected against reading and writing by setting the lock bit
SKL, see section 7.1.4
7.1.4
Transponder and Memory Configuration, TMCF
Access to the Transponder Memory, TM, and device
configuration is controlled by a set of configuration bits,
TMCF, located in page 3, see Figure 6.
MSB
LSB
TMCF
bit 31
24
30
29
28
27
26
25
Figure 6. Transponder Memory Configuration, TMCF
The memory access rights applied by TMCF affect the
behavior of READ_PAGE and WRITE_PAGE commands
only.
Device
operation,
e.g.
with
respect
to
the
authentication process, is not affected at all.
Secret Key Lock, SKL
If set, the Password Basestation, PSW B, (Password
mode) or the Secret Key, SK, (Cipher mode) is irreversible
locked against reading and writing (OTP like). If set once,
its value can no longer be read or altered.
Page 3 Lock, PG3L
If set, page 3 is irreversible locked against writing (OTP
like). Thus if set once, the Transponder and Memory
Configuration
(TMCF)
as
well
as
the
Password
Transponder (PSW T) can no longer be altered. However,
reading is supported in any case.
Protect Write User Page 4 and 5, PWP1
If set, a write protection is assigned for the user pages
page 4 and 5 (USER0 and USER1). As a result its content
cannot be altered, however, reading is supported in any
case.
If cleared, page 4 and page 5 support reading and writing.
The content and organization of the user pages is fully
determined by the application.
Protect Write User Page 6 and 7, PWP0
If set, a write protection is assigned for the user pages
page 6 and 7 (USER2 and USER3). As a result its content
cannot be altered, however, reading is supported in any
case.
If cleared, page 6 and page 7 support reading and writing.
The content and organization of the user pages is fully
determined by the application.
Enable Cipher Mode, ENC
The device may be configured for to perform authentication
in either Password mode or Cipher mode.
If ENC is set, Cipher mode is selected, otherwise Password
mode.
Thus,
ENC
affects
operation
of
the
START_AUTH
command and whether plain or ciphered transmission of
data and commands is supported, for details refer to
section 7.3.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com