| Electronic Components Datasheet Search |
|
PCF7936AS Datasheet(PDF) 10 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF7936AS Datasheet(HTML) 10 Page - NXP Semiconductors |
|
10 / 32 page ![]() NXP Semiconductors Product Specification Security Transponder (HITAG2) PCF7936AS 2010 May 04 10 CONFIDENTIAL Mode Select, MS The device may be configured for to support one out of three Read Only modes, which will cause the device to commence data transmission after the specified time-out period, without interrogation by the basestation, see Table 1. Table 1. Mode Select MS1 MS0 Read Only Mode Note 0 0 ISO 11784/5 0 1 MIRO 1 1 0 PCF7931/30/35 2 1 1 Disabled Note 1. Emulates MIRO and H400x like Read Only transponders 2. Features compatibility with NXP’ PIT family operated in Read Only mode, except for the PMC timing (Program Mode Check) and available memory size. For details regarding the timing and sequence transmitted refer to section 7.5. If MS is set, the device does not support Read Only operation at all. Data Coding Select, DCS In Password or Cipher mode data transmitted from the transponder to the basestation may be encoded in Manchester or CDP fashion, according to the setting of DCS. If DCS is cleared, Manchester encoding is applied, otherwise CDP coding is applied, see section 7.6.1 for details. However, if the device operates in one of the Read Only modes, data transmission and encoding corresponds to the Read Only mode selected and is not affected by DCS at all, see section 7.5 for details. 7.1.5 Password Transponder, PSW T The Password Transponder, PSW T, is a 24 bit pattern, which typically is initialized and subsequently locked by the customer during device personalization. The Password Transponder is located in page 3, see Figure 4. The Password Transponder serves the function to identify the transponder towards the basestation. After successful device authentication, the transponder returns the content of page 3 to the basestation. In Password mode the content is returned in plain, while in Cipher mode the content is returned in ciphered fashion. For details refer to section 7.3.1, START_AUTH command. Thus the Password Transponder and TMCF configuration may be evaluated by the basestation, if desired. The Password Transponder may hold any value that is considered useful by the application. 7.1.6 User Pages, USER 0 to 3 Page 4 to 7 provide space for user data storage. Data access is supported according to the device configuration selected. The user pages may hold any data that is considered useful by the application. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |