Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF7936AS Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF7936AS
Description  Security Transponder (HITAG2)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF7936AS Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF7936AS Datasheet HTML 3Page - NXP Semiconductors PCF7936AS Datasheet HTML 4Page - NXP Semiconductors PCF7936AS Datasheet HTML 5Page - NXP Semiconductors PCF7936AS Datasheet HTML 6Page - NXP Semiconductors PCF7936AS Datasheet HTML 7Page - NXP Semiconductors PCF7936AS Datasheet HTML 8Page - NXP Semiconductors PCF7936AS Datasheet HTML 9Page - NXP Semiconductors PCF7936AS Datasheet HTML 10Page - NXP Semiconductors PCF7936AS Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
NXP Semiconductors
Product Specification
Security Transponder (HITAG2)
PCF7936AS
2010 May 04
7
CONFIDENTIAL
7
FUNCTIONAL DESCRIPTION SECURITY
TRANSPONDER
The PCF7936AS does not require any additional power
supply. It derives its power supply by inductive coupling to
the LF Field, which is generated by the basestation.
Reading and writing to the transponder is provided by
amplitude modulation of the LF field.
The Contactless Interface generates the chip power supply,
clock
and
reset
and
features
the
modulator,
and
demodulator. The system clock is derived from the LF field
generated by the basestation that typically operates with a
carrier frequency of 125 kHz.
The Control Logic incorporates the data acquisition logic to
enable communication with the transponder and the
memory access control logic. Access to the transponder
memory (EEPROM) depends on the device configuration
and the authentication state. The memory is split into
blocks and pages with independent access rights, as
configured by the user and partly predefined by design.
Device authentication may be performed in Password
mode or in Ciphered mode. In Password mode the
basestation and transponder in plain exchange a set of
passwords, while in Cipher mode a mutual authentication
based on a security algorithm is performed that employs a
Secret Key and a random number. The security algorithm is
determined by the on-chip Calculation Unit that in addition
supports ciphered communication and data exchange
between the basestation and the transponder.
The Cipher mode is ideally suited for vehicle immobilization
application.
Transponder operation and authentication is controlled by
commands send form the basestation, while in Read Only
mode data transmission commences after device reset and
a time-out condition.
7.1 Memory Organization, EEPROM
The device incorporates 256 bit of non-volatile memory
(EEPROM) that is organized as 8 pages with 32 bit per
page, referred to as Transponder Memory, TM. The
Transponder
Memory,
TM,
is
split
into
areas
for
Transponder Configuration/Personalization, TCFG, and
User Memory, USER, see Figure 3.
Page 0
Page 7
TCFG
Page 4
Page 3
USER
Transponder Memory, TM
Figure 3. Memory Organization
The TM segment can be accessed only, after successful
device
authorization.
Depending
on
the
device
configuration, device authorization is performed either in
Password mode or in Cipher mode. Subsequent memory
access is provided only in accordance with the memory
protection settings applied.
Any
changes
made
regarding
the
Transponder
Configuration, TCFG, respectively Page 1 to 3, become
effective after a device reset or initialization sequence only.
The
organization
of
the
Transponder
Memory,
TM,
depends on the authorization method selected (Password
or Cipher mode) by the corresponding configuration bit
(ENC) see Figure 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com