Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF7936AS Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF7936AS
Description  Security Transponder (HITAG2)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF7936AS Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF7936AS Datasheet HTML 12Page - NXP Semiconductors PCF7936AS Datasheet HTML 13Page - NXP Semiconductors PCF7936AS Datasheet HTML 14Page - NXP Semiconductors PCF7936AS Datasheet HTML 15Page - NXP Semiconductors PCF7936AS Datasheet HTML 16Page - NXP Semiconductors PCF7936AS Datasheet HTML 17Page - NXP Semiconductors PCF7936AS Datasheet HTML 18Page - NXP Semiconductors PCF7936AS Datasheet HTML 19Page - NXP Semiconductors PCF7936AS Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
NXP Semiconductors
Product Specification
Security Transponder (HITAG2)
PCF7936AS
2010 May 04
16
CONFIDENTIAL
READ_PAGE_INV
The command READ_PAGE_INV returns the complement
of the content of the designated page. The page
designated for reading is specified by the command bits
pg2 to pg0. For data integrity reasons the 5 bit command
and its complement have to be send, before the device will
accept it, see Figure 12. If accepted, the command
Response consists of the complement of the 32 bit content.
The MSB is send first.
The 10 bit command sequence may be repeated several
times, if desired, to increase the data integrity level. In the
case that one of the 5 bit commands and its complement
do not match, an error condition occurs that causes the
device to terminate the command, to initialize the device
and to enter the WAIT state. No command Response will
be send by the device in this case.
Subsequent commands may be issued after termination of
tWAIT,Bs.
Any attempt to read a page that is protected against
reading, will be detected and cause an error condition,
upon which the device terminates the command during
tWAIT,Tr and enters the WAIT state. No Response will be
send in this case.
If the device is configured for Password mode (ENC = 0)
the command sequence is transmitted in plain, while in
Cipher mode (ENC = 1) the whole command sequence is
transmitted ciphered.
SEND to
Transponder
RECEIVED from
Transponder
0 1, pg2, pg1, pg0
1 1 1 1 1
tWAIT,Tr
CM[4:0]
EQ
tWAIT,Bs
READ_PAGE_INV
bit 31 ..................... bit 0
1 0, pg2, pg1, pg0
CM[4:0]
Data
Figure 12. READ_PAGE_INV timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com