Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF7936AS Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCF7936AS
Description  Security Transponder (HITAG2)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF7936AS Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCF7936AS Datasheet HTML 22Page - NXP Semiconductors PCF7936AS Datasheet HTML 23Page - NXP Semiconductors PCF7936AS Datasheet HTML 24Page - NXP Semiconductors PCF7936AS Datasheet HTML 25Page - NXP Semiconductors PCF7936AS Datasheet HTML 26Page - NXP Semiconductors PCF7936AS Datasheet HTML 27Page - NXP Semiconductors PCF7936AS Datasheet HTML 28Page - NXP Semiconductors PCF7936AS Datasheet HTML 29Page - NXP Semiconductors PCF7936AS Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
NXP Semiconductors
Product Specification
Security Transponder (HITAG2)
PCF7936AS
2010 May 04
26
CONFIDENTIAL
9
LIMITING VALUES
All values are in accordance with Absolute Maximum Rating System (IEC 134)
PARAMETER
MIN
MAX
UNIT
Operating temperature range
-40
+85
°C
Storage temperature range
-55
+125
°C
Magnetic flux density (resistance against magnetic pulses)
0.2
T
Vibration
- 10 - 2000Hz
- 3.axis
- IEC 68-2-6, Test Fc
10
g
Shock
- 3.axis
- IEC 68-2-27, Test Ea
1500
g
Mechanical stress (FMAX), Note 1
10
N
Note
1. FMAX is specified as indicated in Test Setup, section 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com