Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAS3F3RY2202 Datasheet(PDF) 59 Page - Eaton All Rights Reserved.

Part # CSAS3F3RY2202
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3RY2202 Datasheet(HTML) 59 Page - Eaton All Rights Reserved.

Back Button CSAS3F3RY2202 Datasheet HTML 55Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 56Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 57Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 58Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 59Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 60Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 61Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 62Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 63Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 102 page
background image
V8-T3-58
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
For Customer Service in the U.S. call 1-877-ETN CARE (386-2273),
in Canada call 1-800-268-3578.
For Application Assistance in the U.S. and Canada
call 1-800-426-9184.
3.8
Inductive Proximity Sensors
Metal Face Sensors
Metal Face Sensors
Contents
Description
Page
Metal Face Sensors
Product Selection
Metal Face Sensors . . . . . . . . . . . . . . . . . .
V8-T3-59
Compatible Connector Cables . . . . . . . . . .
V8-T3-56
Accessories . . . . . . . . . . . . . . . . . . . . . . . . . . .
V8-T3-60
Technical Data and Specifications . . . . . . . . . .
V8-T3-60
Wiring Diagrams . . . . . . . . . . . . . . . . . . . . . . .
V8-T3-61
Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . .
V8-T3-61
Metal Face Sensors
Product Description
Metal Face Inductive
Proximity Sensors by Eaton’s
Electrical Sector incorporate
tough stainless steel sensing
faces in place of the plastic
faces found in standard
sensors. This provides a
higher level of protection for
more reliable operation and
longer life in harsh
environments.
The sensors stand up to
abrasion and impact caused
by flying metal chips, grit,
and misaligned or vibrating
targets. In addition, the
stainless steel body resists
corrosion and chemical
attack.
Common sensor diameters,
voltage styles and wiring
connections make it easy to
retrofit your existing,
damaged sensors. Solve the
problem of damaged sensors
permanently with Eaton’s
Metal Face Sensors.
Features
●
Two-wire AC/DC models
and three-wire DC models
are compatible with your
existing wiring
●
Common 12 mm, 18 mm
and 30 mm housing
diameters allow easy
changeout of existing
damaged sensors
●
The 20 mil stainless steel
sensing face is thicker than
competing units for a
higher level of protection
●
The stainless steel body is
damage and corrosion
resistant
●
Wide operating
temperature range: –13 to
158 °F (–25 to 70 °C)
Standards and Certifications
●
CSA Certified
●
Products certified by
CSA for US
●
CE
●
RoHS Compliant
DANGER
THIS SENSOR IS NOT A
SAFETY DEVICE AND IS NOT
INTENDED TO BE USED AS A
SAFETY DEVICE. This sensor
is designed only to detect
and read certain data in an
electronic manner and
perform no use apart from
that, specifically no safety-
related use. This sensor
product does not include
self-checking redundant
circuitry, and the failure of
this sensor product could
cause either an energized
or de-energized output
condition, which could result
in death, serious bodily
injury, or property damage.
For the most current information
on this product, visit our Web site:
www.eaton.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com