Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAS3F3RY2202 Datasheet(PDF) 11 Page - Eaton All Rights Reserved.

Part # CSAS3F3RY2202
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3RY2202 Datasheet(HTML) 11 Page - Eaton All Rights Reserved.

Back Button CSAS3F3RY2202 Datasheet HTML 7Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 8Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 9Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 10Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 11Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 12Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 13Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 14Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 15Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 102 page
background image
V8-T3-10
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.0
Inductive Proximity Sensors
Introduction
E55 Limit Switch Style,
Nonmetallic Housing
E51 Modular Switch Style,
Modular
E51 Limit Switch Style,
Factory Sealed 6P +
Page V8-T3-86
Overview
These nonmetallic sensors provide
corrosion resistance in a limit switch style
housing.
Applications
Food processing lines, high washdown
environments
Product Features
5 position head can be top mounted or in
any of four side positions
Long sensing ranges up to 40 mm
Normally open or closed outputs
AC voltages
Tough PBT resin housing
Technical Data and Specifications
Current ratings—
AC: 400 mA
Enclosure ratings—
NEMA 4, 4X, 6, 12, 13
IEC IP67
Construction—
PBT resin
Approvals
CE
RoHS Compliant
Page V8-T3-88
Overview
Modular design allows maximum use of
inventories in these limit switch style
housings. Solid-state circuitry in a variety
of sensing ranges.
Applications
Machine tool, punch presses, automotive,
conveyor systems
Product Features
Modular heads, switch bodies, receptacles
Shielded or unshielded sensing ranges
Solid-state electronics
Viton gasket seals
LED indicators for power and output status
Top and side sensing heads
Alternate frequency for side by side
operation
Components individually labeled for easy
identification
Technical Data and Specifications
Current ratings—
AC: 1 ampere continuous
DC: 0.6 ampere continuous
Enclosure ratings—
NEMA 3, 3S, 4, 4X, 6, 6P, 12, 13
IEC IP67
Class I, Class II, Division 2
Groups A, B, C, D, F and G; Class III
Construction—
Die cast zinc
Gasket material: Viton
Approvals
UL Listed, E166051, E183975
CSA Certified, 50513
RoHS Compliant
Page V8-T3-97
Overview
Completely epoxy filled in unitized, one
piece limit switch style construction for
reliable performance under the most
adverse of environmental conditions.
Applications
All corrosive environments: Coolants/
cutting oils, automotive applications
Product Features
One piece housing on switch body/
receptacle
Head and housing totally epoxy
encapsulated
Side sensing head can be unfastened and
moved to any of four positions
Quick disconnect options
Corrosive resistant epoxy coated housing
Technical Data and Specifications
Current ratings—
AC: 1 ampere continuous
DC: 0.6 ampere continuous
Enclosure ratings—
NEMA 3, 3S, 4, 4X, 6, 6P, 12, 13
IEC IP67
Construction—
Die cast zinc
Gasket material: Viton®
Approvals
UL Listed, E166051
CSA Certified, 50513
RoHS Compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com