Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAS3F3RY2202 Datasheet(PDF) 88 Page - Eaton All Rights Reserved.

Part # CSAS3F3RY2202
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3RY2202 Datasheet(HTML) 88 Page - Eaton All Rights Reserved.

Back Button CSAS3F3RY2202 Datasheet HTML 84Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 85Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 86Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 87Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 88Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 89Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 90Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 91Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 92Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 102 page
background image
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
V8-T3-87
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.15
Inductive Proximity Sensors
E55 Limit Switch Style Sensors with Nonmetallic Housings
Technical Data and Specifications
E55 Limit Switch Style Sensors
Wiring Diagrams
Pin numbers are for reference, rely on pin location when wiring.
E55 Limit Switch Style Sensors
Dimensions
Approximate Dimensions in Inches (mm)
E55 Limit Switch Style Sensors
Note
1 Switches are shipped as NO configuration. Internal jumpers must be moved to program for NC.
Description
Specification
Operating voltage
35–250 Vac
Maximum load current
400 mA
Switching frequency
25 Hz maximum
Leakage current
1.8 mA
Voltage drop
8V maximum
Inrush
5 A maximum for 20 ms
Indicator LEDs
Two LEDs: One lights when power is ON, the other lights when output is ON
Operating temperature
–13 to 158 °F (–25 to 70 °C)
Enclosure ratings
NEMA 4, 4X, 6, 12, 13 (IP67)
Housing material
PBT resin
Operating Voltage
Output
Terminal Models
Two-Wire Sensors
35–250 Vac 1
NO
NC
2
1
4
3
L2
L1
Load
L2
L1
Load
2
1
4
3
1.81 (46)
1.97
(50)
1.57
(40)
4-ø 0.21 (5.3)
1.97
(50)
1.57
(40)
2.20 (56)
2.36 (60)
LEDs
40 mm Range
Models Only
4.64 (118)
1.57 (40)
0.43 (11)
0.39
(10)
1.18
(30)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com