Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAS3F3RY2202 Datasheet(PDF) 70 Page - Eaton All Rights Reserved.

Part # CSAS3F3RY2202
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3RY2202 Datasheet(HTML) 70 Page - Eaton All Rights Reserved.

Back Button CSAS3F3RY2202 Datasheet HTML 66Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 67Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 68Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 69Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 70Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 71Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 72Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 73Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 74Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 102 page
background image
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
V8-T3-69
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.10
Inductive Proximity Sensors
Small Diameter (4, 5, 6.5, 8 mm) Sensors
Technical Data and Specifications
Small Diameter Sensors
Wiring Diagrams
Pin numbers are for reference, rely on pin location when wiring.
Small Diameter Sensors
Description
Three-Wire DC Only Sensors
Operating voltage
10–30 Vdc
Maximum load current
200 mA
Switching frequency
2 kHz
Leakage current
0.01 mA maximum
Voltage drop
1.5 V maximum
Burden current
10 mA maximum
Protection
Transient, power on false pulse suppression, auto reset short circuit
Switching hysteresis
<15% rated sensing distance
Repeat accuracy
<1% sensing distance
Time delay before availability
<50 ms
Output indicator LED
Lights when output is ON
Operating temperature
–13 to 158 °F (–25 to 70 °C)
Enclosure ratings
NEMA 4, 4X, 6, 6P, 12 and 13 (IP67)
Housing material
Stainless steel
Cable
PVC high flex, oil/water resistant, 22 AWG
Operating
Voltage
Connector Models (Face View Male Shown)
Output
Cable Models
Micro
Nano
Three-Wire Sensors
10–30 Vdc
NO (NPN)
NO (PNP)
NC (NPN)
NC (PNP)
BU
BN
(–)
+V
BK
Load
(–)
+V
Load
(–)
+V
Load
BU
BN
(_)
+V
BK
Load
(–)
+V
Load
(–)
+V
Load
BU
BN
(–)
+V
BK
Load
(–)
+V
Load
(–)
+V
Load
BU
BN
(_)
+V
BK
Load
(–)
+V
Load
(–)
+V
Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com