Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAS3F3RY2202 Datasheet(PDF) 17 Page - Eaton All Rights Reserved.

Part # CSAS3F3RY2202
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3RY2202 Datasheet(HTML) 17 Page - Eaton All Rights Reserved.

Back Button CSAS3F3RY2202 Datasheet HTML 13Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 14Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 15Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 16Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 17Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 18Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 19Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 20Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 21Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 102 page
background image
V8-T3-16
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.1
Inductive Proximity Sensors
iProx Sensors
iProx Starter Kits
Technical Data and Specifications
iProx Sensors
Response Time 2
Notes
Ryton® is a registered trademark of Phillips Chemical (division of Phillips Petroleum).
1 Our products conform to NEMA® tests as indicated, however, some severe washdown applications can exceed these NEMA test specifications.
2 iProx sensors may be programmed to perform in side by side or high noise immunity applications using the iProx programming cable (E59RP1) and ProxView software (E59SW1).
3 Use the side by side response time parameter when using the iProx Tray Programmer (E59TP1), iProx programming cable (E59RP1) and ProxView software (E59SW1).
Description
Catalog Number
Interested in custom programming iProx sensors to fit your application?
These kits include everything needed to get the most out of iProx: a sensor, a programming cable (E59RP1),
a micro connector cable (CSDS4A4CY2202) and ProxView software on CD-ROM (E59SW1).
Starter kit includes:
12 mm AC unshielded iProx sensor (E59-M12C110A01-A1)
E5912ACKIT
12 mm DC unshielded iProx sensor (E59-M12C110D01-D1)
E5912DCKIT
18 mm AC unshielded iProx sensor (E59-M18C118A01-A1)
E5918ACKIT
18 mm DC unshielded iProx sensor (E59-M18C116D01-D1)
E5918DCKIT
30 mm AC unshielded iProx sensor (E59-M30C129A01-A1)
E5930ACKIT
30 mm DC unshielded iProx sensor (E59-M30C129D01-D1)
E5930DCKIT
Description
Two-Wire Sensors
Three-Wire Sensors
Input voltage
20–132 Vac
6–48 Vdc
Load current
250 mA
300 mA
Leakage current
≤1.7 mA at 32 °F (0 °C), 2.0 mA at –40 °F (–40 °C)
≤150 μA
Voltage drop
<5 Vac
≤2.5 Vdc
Burden current
—
≤15 mA
Protection
None
Auto reset
Switching hysteresis
<15% rated sensing distance
<15% rated sensing distance
Repeat accuracy
Shielded models: <1% sensing distance;
Unshielded models: <3% sensing distance
Shielded models: <1% sensing distance;
Unshielded models: <3% sensing distance
Surge capacity
3 A/30 ms
—
Temperature range
–40 to 158 °F (–40 to 70 °C)
–40 to 158 °F (–40 to 70 °C)
Material of construction
303 stainless steel; end bells: polycarbonate;
face caps: Ryton®; cable: AWM style 20387 (PVC)
303 stainless steel; end bells: polycarbonate;
face caps: Ryton®; cable: AWM style 20387 (PVC)
Vibration and shock
Vibration: 10 to 55 Hz, 1 mm amplitude,
IEC 60068-2-6; shock: 30 g, 11 ms per IEC 68-2-27
Vibration: 10 to 55 Hz, 1 mm amplitude,
IEC 60068-2-6; shock: 30 g, 11 ms per IEC 68-2-27
Indicator LED
360° viewable LED
360° viewable LED
Enclosure ratings
NEMA 4, 4X, 6, 6P, 12 and 13 (IP67) IP69K 1
NEMA 4, 4X, 6, 6P, 12 and 13 (IP67) IP69K 1
Three-Wire Sensors
Two-Wire Sensors
Shielded
Unshielded
Description
All Two-Wire Models
12 mm
18 mm
30 mm
12 mm
18 mm
30 mm
Factory default mode
Shipped in “Side by Side Mode” by
default (20 V/m)
580 Hz (10 V/m)
390 Hz (10 V/m)
240 Hz (10 V/m)
300 Hz (10 V/m)
150 Hz (10 V/m)
145 Hz (10 V/m)
Side by side 3
30 Hz (10 V/m)
50 Hz (20 V/m)
50 Hz (20 V/m)
50 Hz (20 V/m)
50 Hz (20 V/m)
50 Hz (20 V/m)
50 Hz (20 V/m)
High noise immunity mode
10 Hz (>20 V/m)
10 Hz (>20 V/m)
10 Hz (>20 V/m)
10 Hz (>20 V/m)
10 Hz (>20 V/m)
10 Hz (>20 V/m)
10 Hz (>20 V/m)
Starter Kit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com