Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAS3F3RY2202 Datasheet(PDF) 66 Page - Eaton All Rights Reserved.

Part # CSAS3F3RY2202
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3RY2202 Datasheet(HTML) 66 Page - Eaton All Rights Reserved.

Back Button CSAS3F3RY2202 Datasheet HTML 62Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 63Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 64Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 65Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 66Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 67Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 68Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 69Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 70Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 102 page
background image
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
V8-T3-65
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
For Customer Service in the U.S. call 1-877-ETN CARE (386-2273),
in Canada call 1-800-268-3578.
For Application Assistance in the U.S. and Canada
call 1-800-426-9184.
3.10
Inductive Proximity Sensors
Small Diameter (4, 5, 6.5, 8 mm) Sensors
Small Diameter (4, 5, 6.5, 8 mm) Sensors
Contents
Description
Page
Small Diameter (4, 5, 6.5, 8 mm) Sensors
Product Selection
Small Diameter (4, 5, 6.5, 8 mm) Sensors .
V8-T3-66
Compatible Connector Cables . . . . . . . . . . .
V8-T3-68
Accessories . . . . . . . . . . . . . . . . . . . . . . . . . . .
V8-T3-56
Technical Data and Specifications . . . . . . . . . .
V8-T3-69
Wiring Diagrams . . . . . . . . . . . . . . . . . . . . . . . .
V8-T3-69
Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . .
V8-T3-70
Small Diameter (4, 5, 6.5, 8 mm) Sensors
Product Description
These unique Inductive
Proximity Sensors by Eaton’s
Electrical Sector are designed
to be used in extremely small
spaces. A wide variety of
models are available with
housing diameters from
8 mm all the way down to
4 mm, allowing you to
choose the one that best fits
your application. The sensors
are three-wire devices that
operate from 10 to 30 Vdc.
Both shielded and unshielded
versions are available.
Application Description
Typical Applications
●
Automation equipment
●
Robotics
●
Machine tool
●
Counting
●
Sorting
Features
●
Small 4, 5, 6.5 and 8 mm
diameters for use in
applications with limited
space for mounting
sensors
●
Stainless steel housings
●
All models include an LED
indicator to show output
status
●
Short circuit and reverse
polarity protection
●
Rated NEMA 4, 4X, 6, 6P,
12 and 13 (IP67) for high
resistance to
environmental factors
Standards and Certifications
●
CE
●
RoHS Compliant
●
8 mm standard models only:
●
CSA Certified, 224447
●
Products certified by
CSA for US
DANGER
THIS SENSOR IS NOT A
SAFETY DEVICE AND IS NOT
INTENDED TO BE USED AS A
SAFETY DEVICE. This sensor
is designed only to detect
and read certain data in an
electronic manner and
perform no use apart from
that, specifically no safety-
related use. This sensor
product does not include
self-checking redundant
circuitry, and the failure of
this sensor product could
cause either an energized
or de-energized output
condition, which could result
in death, serious bodily
injury, or property damage.
For the most current information
on this product, visit our Web site:
www.eaton.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com