Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAS3F3RY2202 Datasheet(PDF) 36 Page - Eaton All Rights Reserved.

Part # CSAS3F3RY2202
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3RY2202 Datasheet(HTML) 36 Page - Eaton All Rights Reserved.

Back Button CSAS3F3RY2202 Datasheet HTML 32Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 33Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 34Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 35Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 36Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 37Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 38Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 39Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 40Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 102 page
background image
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
V8-T3-35
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
For Customer Service in the U.S. call 1-877-ETN CARE (386-2273),
in Canada call 1-800-268-3578.
For Application Assistance in the U.S. and Canada
call 1-800-426-9184.
3.5
Inductive Proximity Sensors
E57 Two-Wire (AC, AC/DC, DC) Proximity Sensors
E57 Two-Wire (AC, AC/DC, DC) Proximity Sensors
Contents
Description
Page
E57 Two-Wire (AC, AC/DC, DC) Proximity Sensors
Product Selection
Stainless Steel Body (Standard Length) . . .
V8-T3-36
Stainless Steel Short Body . . . . . . . . . . . . .
V8-T3-38
Nickel-Brass Body . . . . . . . . . . . . . . . . . . . .
V8-T3-39
Compatible Connector Cables . . . . . . . . . . .
V8-T3-40
Accessories . . . . . . . . . . . . . . . . . . . . . . . . . . .
V8-T3-40
Technical Data and Specifications . . . . . . . . . .
V8-T3-41
Wiring Diagrams . . . . . . . . . . . . . . . . . . . . . . . .
V8-T3-43
Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . .
V8-T3-45
E57 Two-Wire (AC, AC/DC, DC) Proximity Sensors
Product Description
Eaton carries several options
for your sensing needs in the
E57 two-wire family. The
stainless steel models are
available in a standard
length or short body, while
available in AC or AC/DC
configurations. The nickel-
brass body models are
available in standard length
and either AC or DC two-wire
configurations.
All of these are available in
NPN or PNP with cable
connections or micro
connectors. The stainless
steel standard length models
are also available with mini
connectors.
The stainless steel models in
both lengths have 360 degree
LEDs while the nickel-brass
models have a single LED
indicator.
Extended sensing ranges
are also available in the
stainless steel and nickel-
brass standard length
models, while shielded and
unshielded models are
offered throughout the E57
two-wire sensor products.
For the most current information
on this product, visit our Web site:
www.eaton.com
Standards and Certifications
●
Stainless Steel:
●
UL Listed, E166051
●
UL Tested to Canadian
safety standards
●
CE (AC/DC only)
●
RoHS Compliant
●
Nickel-Brass:
●
CSA Certified, 224447
●
Products certified by
CSA for US
●
CE (DC only)
●
RoHS Compliant
DANGER
THIS SENSOR IS NOT A
SAFETY DEVICE AND IS NOT
INTENDED TO BE USED AS A
SAFETY DEVICE. This sensor
is designed only to detect
and read certain data in an
electronic manner and
perform no use apart from
that, specifically no safety-
related use. This sensor
product does not include
self-checking redundant
circuitry, and the failure of
this sensor product could
cause either an energized
or de-energized output
condition, which could result
in death, serious bodily
injury, or property damage.
Highlighted Comparisons
Description
Stainless Steel
Stainless Steel
Short Body
Nickel-Brass
Current ratings
250–500 mA
250–500 mA
200 mA
Enclosure ratings
NEMA 4, 4K, 6, 6P, 12,
13, IEC IP6, IP69K7
NEMA 4, 4K, 6, 6P, 12,
13, IEC IP67
IP67, IP69K
Operating
temperature
–25 to 70 °C
–25 to 70 °C
–25 to 70 °C
Indicator
360° LED
360° LED
LED
Increased shock and
vibration ratings
Yes
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com