Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAS3F3RY2202 Datasheet(PDF) 100 Page - Eaton All Rights Reserved.

Part # CSAS3F3RY2202
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3RY2202 Datasheet(HTML) 100 Page - Eaton All Rights Reserved.

Back Button CSAS3F3RY2202 Datasheet HTML 94Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 95Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 96Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 97Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 98Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 99Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 100Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 101Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 102Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 100 / 102 page
background image
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
V8-T3-99
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.17
Inductive Proximity Sensors
E51 Limit Switch Style, Factory Sealed 6P+ Sensors
Accessories
E51 Limit Switch Style, Factory Sealed 6P+ 1
Technical Data and Specifications
E51 Limit Switch Style, Factory Sealed 6P+
Note
1 For a full selection of connector cables, see Tab 10, section 10.1.
Description
Catalog Number
Universal Mounting Bracket
Includes mounting hardware, stainless steel
E51KH2
Includes mounting hardware, steel
E51KH4
Machine Mounting Bracket
Zinc die cast construction
E50KH3
Stand-Off Mounting Bracket
Steel construction
E51KH3
Dimensions, see Page V8-T3-100.
Description
Specification
Output rating (NEMA D150)
AC/DC models
0.5 A continuous
AC models
1 A continuous
DC models
0.6 A continuous
Protection
Latching short-circuit protection on two-wire AC/DC and three-wire DC models
Switching rate
AC models: 15 Hz; DC models: 50 Hz
Indicator LEDs
Lights when output is ON. One LED for each output
Alternate frequency
Standard and alternate frequencies allow side-by-side operation without interference
Enclosure material
Cast metal
Gasket material
Zinc die cast
Enclosure ratings
NEMA 3, 3S, 4, 4X, 6, 6P, 12 and 13 (IP68)
Temperature range
–13 to 158 °F (–25 to 70 °C)
Torque requirements
Switch body screws: 25–30 in-lbs; sensing head screws: 14–18 in-lbs
OFF-state leakage
DC version: 120 μA; two-wire AC: 1.9 mA maximum; three-wire AC: 1.1 mA
ON-state leakage
<2.5 Vdc
One Hole
Two Holes
Machine Mounting
Bracket
Stand-Off Mounting
Bracket



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com