Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAS3F3RY2202 Datasheet(PDF) 43 Page - Eaton All Rights Reserved.

Part # CSAS3F3RY2202
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3RY2202 Datasheet(HTML) 43 Page - Eaton All Rights Reserved.

Back Button CSAS3F3RY2202 Datasheet HTML 39Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 40Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 41Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 42Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 43Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 44Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 45Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 46Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 47Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 102 page
background image
V8-T3-42
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.5
Inductive Proximity Sensors
E57 Two-Wire (AC, AC/DC, DC) Proximity Sensors
Nickel-Brass Body
Description
Two-Wire AC Sensors
Two-Wire DC Sensors
Operating voltage
20–250 Vac
10–30 Vdc
OFF-state leakage
<1.8 mA
<0.8 mA
Maximum load current
200 mA
100 mA
Minimum load current
5 mA
3 mA
Surge current
5 A (20 ms)
—
Voltage drop
<8 Vac at 400 mA
<6 V
Switching frequency
8 mm diameter
—
—
12 mm diameter
25 Hz
1 kHz (shielded); 1 kHz (unshielded)
18 mm diameter
25 Hz
1 kHz (shielded); 500 Hz (unshielded)
30 mm diameter
25 Hz
500 Hz (shielded); 200 Hz (unshielded)
Short-circuit protection
No
Yes
Overload trip point
—
>120 mA
Time delay before availability
—
—
Transient protection
—
2 kV, 1 ms, 1 kohm
Repeat accuracy
Shielded: <1.0%/Unshielded: <3.0% (Sr)
<2.0% (Sr)
Switching hysteresis
<15%
<15%
Operating temperature
–13 to 158 °F (–25 to 70 °C)
(32 to 140 °F [0 to 60 °C]
for all extended range models)
–13 to 158 °F (–25 to 70 °C)
(32 to 140 °F [0 to 60 °C]
for all extended range models)
Temperature drift
<10% (Sr)
<10% (Sr)
Protection
IP67, IP69K
IP67, IP69K
Housing material
Nickel plated brass (stainless steel for
8 mm diameter, nano-connector models)
Nickel plated brass (stainless steel for
8 mm diameter, nano-connector models)
Cable
PVC jacket, 2-meter length
PVC jacket, 2-meter length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com