Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAS3F3RY2202 Datasheet(PDF) 32 Page - Eaton All Rights Reserved.

Part # CSAS3F3RY2202
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3RY2202 Datasheet(HTML) 32 Page - Eaton All Rights Reserved.

Back Button CSAS3F3RY2202 Datasheet HTML 28Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 29Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 30Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 31Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 32Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 33Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 34Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 35Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 36Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 102 page
background image
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
V8-T3-31
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.4
Inductive Proximity Sensors
E57G General Purpose Proximity Sensors
Three-Wire Sensors, continued
Compatible Connector Cables
Standard Cables 1
Accessories
E57G General Purpose Proximity Sensors
Notes
See listing of compatible connector cables on Page V8-T3-31.
1 For a full selection of connector cables, see Tab 10, section 10.1.
Operating
Voltage
Sensing
Range
Shielding
Output Type
Connection Type
NO Output
Catalog Number
NC Output
Catalog Number
30 mm Diameter
10–30 Vdc
10 mm
(standard range)
Shielded
PNP
2-meter cable
E57G-30SPN10-C2
E57G-30SPC10-C2
4-pin micro DC connector
E57G-30SPN10-Q
E57G-30SPC10-Q
NPN
2-meter cable
E57G-30SNN10-C2
E57G-30SNC10-C2
4-pin micro DC connector
E57G-30SNN10-Q
E57G-30SNC10-Q
15 mm
(standard range)
Unshielded
PNP
2-meter cable
E57G-30UPN15-C2
E57G-30UPC15-C2
4-pin micro DC connector
E57G-30UPN15-Q
E57G-30UPC15-Q
NPN
2-meter cable
E57G-30UNN15-C2
E57G-30UNC15-C2
4-pin micro DC connector
E57G-30UNN15-Q
E57G-30UNC15-Q
15 mm
(extended range)
Shielded
PNP
2-meter cable
E57G-30SPN15-C2
E57G-30SPC15-C2
4-pin micro DC connector
E57G-30SPN15-Q
E57G-30SPC15-Q
NPN
2-meter cable
E57G-30SNN15-C2
E57G-30SNC15-C2
4-pin micro DC connector
E57G-30SNN15-Q
E57G-30SNC15-Q
22 mm
(extended range)
Unshielded
PNP
2-meter cable
E57G-30UPN22-C2
E57G-30UPC22-C2
4-pin micro DC connector
E57G-30UPN22-Q
E57G-30UPC22-Q
NPN
2-meter cable
E57G-30UNN22-C2
E57G-30UNC22-C2
4-pin micro DC connector
E57G-30UNN22-Q
E57G-30UNC22-Q
Voltage
Style
Number
of Pins
Gauge
Length
Pin Configuration/Wire Colors
(Face View Female Shown)
PVC Jacket
Catalog Number
PUR Jacket
Catalog Number
Micro-Style, Straight Female
DC
4-pin,
3-wire
22 AWG
6.0 ft (2m)
CSDS4A3CY2202
CSDS4A3RY2202
Description
Reference
Mounting brackets
See Tab 8,
section 8.2
Replacement mounting nuts and other accessories
See Tab 8,
section 8.3
Connector cables
See Tab 10,
section 10.1
30 mm
Micro-Style
Straight Female
1-Brown
2-No Wire
3-Blue
4-Black



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com