Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAS3F3RY2202 Datasheet(PDF) 94 Page - Eaton All Rights Reserved.

Part # CSAS3F3RY2202
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3RY2202 Datasheet(HTML) 94 Page - Eaton All Rights Reserved.

Back Button CSAS3F3RY2202 Datasheet HTML 90Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 91Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 92Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 93Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 94Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 95Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 96Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 97Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 98Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 102 page
background image
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
V8-T3-93
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.16
Inductive Proximity Sensors
E51 Modular Limit Switch Style Sensors
Compatible Connector Cables
Standard Cables 1
Accessories
E51 Modular Limit Switch Style Sensors
Note
1 For a full selection of connector cables, see Tab 10, section 10.1.
Current
Rating at 600 V
Voltage
Style
Number
of Pins
Gauge
Length
Pin Configuration/Wire Colors
(Face View Female Shown)
Catalog
Number
Micro-Style, Straight Female
13 A
—
3-pin
16 AWG
6 ft (2m)
CSMS3F3CY1602
10 A
AC/DC
4-pin,
four-wire
16 AWG
6 ft (2m)
CSMS4A4CY1602
8 A
—
5-pin
16 AWG
6 ft (2m)
CSMS5D5CY1602
Description
Catalog
Number
Universal Mounting Bracket
One hole, includes mounting hardware, stainless steel
E51KH2
Two holes, includes mounting hardware, steel
E51KH4
Machine Mounting Bracket
Zinc die cast construction
E50KH3
Stand-Off Mounting Bracket
Steel construction
E51KH3
Remote Sensor Head Assembly
Permits mounting sensor head up to 3 ft (0.9m) from sensor body
E51KRM
Dimensions, see Page V8-T3-95.
Micro-Style
Straight Female
1-Green
2-Black
3-White
1-Black
2-Blue
3-Brown
4-White
1-White
2-Red
3-Green
4-Orange
5-Black
One Hole
Two Holes
Machine Mounting
Bracket
Stand-Off Mounting
Bracket
Remote Sensor Head
Assembly



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com