Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAS3F3RY2202 Datasheet(PDF) 82 Page - Eaton All Rights Reserved.

Part # CSAS3F3RY2202
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3RY2202 Datasheet(HTML) 82 Page - Eaton All Rights Reserved.

Back Button CSAS3F3RY2202 Datasheet HTML 78Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 79Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 80Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 81Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 82Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 83Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 84Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 85Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 86Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 102 page
background image
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
V8-T3-81
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.13
Inductive Proximity Sensors
E52 Cube Style Sensors
Technical Data and Specifications
E52 Cube Style Sensors
Wiring Diagrams
Pin numbers are for reference, rely on pin location when wiring.
E52 Cube Style Sensors
Note
1 Will operate at –40 °F (–40 °C), but range drift will occur.
Description
DC Four-Wire
Operating voltage
10–48 Vdc
Load current (maximum)
300 mA
Burden current
<25 mA
Off-state leakage
<150 μA per output
Voltage drop
<2.5 V
Outputs
1 NO/1 NC (complementary)
Standard target size (mild steel)
120 mm
Frequency of operation
100 Hz
Repeatability
<3%
Hysteresis (maximum)
10–15%
Time delay before availability
300 ms
Circuit protection
Short-circuit protection with auto reset
Operating temperature 1
–25 to 158 °F (–25 to 70 °C)
Temperature drift
±10%
Enclosure rating
NEMA 4, 4X, 6, 6P, 12 and 13 (IP67, IP68)
Indicator LEDs
Green: power; Red: output status
Material of construction
Zinc alloy housing, PPS, PC
Voltage Type
Micro-Connector
Mini-Connector
DC four-wire
21
3
(–)
4
+V
BN
LOAD
WH N.C.
BK N.O.
BU
AutoConfigure enables load
to be wired to +V or (–)
LOAD
2
1
3
(–)
4
+V
BN
BK N.O.
BU
AutoConfigure enables load
to be wired to +V or (–)
WH N.C.
LOAD
LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com