Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAS3F3RY2202 Datasheet(PDF) 53 Page - Eaton All Rights Reserved.

Part # CSAS3F3RY2202
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3RY2202 Datasheet(HTML) 53 Page - Eaton All Rights Reserved.

Back Button CSAS3F3RY2202 Datasheet HTML 49Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 50Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 51Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 52Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 53Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 54Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 55Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 56Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 57Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 102 page
background image
V8-T3-52
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.6
Inductive Proximity Sensors
AccuProx Analog Sensors
Technical Data and Specifications
AccuProx Analog Sensors
Notes
1 Published range data is based on a 1 mm thick square target made of Type FE 360 steel per ISO Standard 630.
2 The sensor achieves its maximum repeat accuracy after warming up for a period of at least one hour.
3 Voltage outputs available on models ending in -CV.
4 Continuous short-circuits can exceed power dissipation ratings and cause eventual destruction.
12 mm Models
18 mm Models
30 mm Models
Description
Shielded
Unshielded
Shielded
Unshielded
Shielded
Unshielded
Performance
Analog operating range 1
0.5–4 mm
1–8 mm
1–7 mm
1–15 mm
1–12 mm
1–25 mm
Temperature range
–40 to 158 °F
(–40 to 70 °C)
–40 to 158 °F
(–40 to 70 °C)
–40 to 158 °F
(–40 to 70 °C)
–40 to 158 °F
(–40 to 70 °C)
–40 to 158 °F
(–40 to 70 °C)
–40 to 158 °F
(–40 to 70 °C)
Temperature drift
<± 10%
<± 10%
<± 10%
<± 10%
<± 10%
<± 10%
Conformity
<± 10%
<± 10%
<± 10%
<± 10%
<± 10%
<± 10%
Repeat accuracy
<25 μm 2
<20 μm 2
<40 μm 2
<20 μm 2
<50 μm 2
<30 μm 2
Minimum repeat accuracy
<3.0% at max. range
<1.1% at max. range
<2.2% at max. range
<1.2% at max. range
<1.2% at max. range
<0.8% at max. range
Recovery time
<1.0 ms
<1.1 ms
<1.5 ms
<2.0 ms
<2.0 ms
<3.0 ms
Response time
200 Hz
100 Hz
200 Hz
100 Hz
140 Hz
100 Hz
Linearity tolerance
<± 1.0% of full scale
<± 1.0% of full scale
<± 1.0% of full scale
<± 1.0% of full scale
<± 1.0% of full scale
<± 1.0% of full scale
Resolution
23 μm max.
16 μm max.
40 μm max.
21 μm max.
50 μm max.
30 μm max.
Electrical
Style
AccuProx Analog,
three-/four-wire DC
AccuProx Analog,
three-/four-wire DC
AccuProx Analog,
three-/four-wire DC
AccuProx Analog,
three-/four-wire DC
AccuProx Analog,
three-/four-wire DC
AccuProx Analog,
three-/four-wire DC
Operating voltage
15–30 Vdc
15–30 Vdc
15–30 Vdc
15–30 Vdc
15–30 Vdc
15–30 Vdc
Current output signal
0–20 mA or
4–20 mA by model
0–20 mA or
4–20 mA by model
0–20 mA or
4–20 mA by model
0–20 mA or
4–20 mA by model
0–20 mA or
4–20 mA by model
0–20 mA or
4–20 mA by model
Current output load resistance
400–500 ohms
400–500 ohms
400–500 ohms
400–500 ohms
400–500 ohms
400–500 ohms
Current output ripple content
± 40 μA max.
± 40 μA max.
± 40 μA max.
± 40 μA max.
± 40 μA max.
± 40 μA max.
Current output minimum change
30 μA
20 μA
50 μA
28 μA
66 μA
40 μA
Voltage output signal 3
0–10 V
0–10 V
0–10 V
0–10 V
0–10 V
0–10 V
Voltage output load resistance
4.7–5.0 kohm
(2.5 mA max.)
4.7–5.0 kohm
(2.5 mA max.)
4.7–5.0 kohm
(2.5 mA max.)
4.7–5.0 kohm
(2.5 mA max.)
4.7–5.0 kohm
(2.5 mA max.)
4.7–5.0 kohm
(2.5 mA max.)
Voltage output ripple content
± 10 mV max.
± 10 mV max.
± 10 mV max.
± 10 mV max.
± 10 mV max.
± 10 mV max.
Voltage output minimum change
15 mV
10 mV
25 mV
14 mV
33 mV
20 mV
Burden current
<20 mA
<20 mA
<20 mA
<20 mA
<20 mA
<20 mA
Output LED
Dual-color,
360º viewable
Dual-color,
360º viewable
Dual-color,
360° viewable
Dual-color,
360° viewable
Dual-color,
360° viewable
Dual-color,
360° viewable
Short-circuit protection
Incorporated 4
Incorporated 4
Incorporated 4
Incorporated 4
Incorporated 4
Incorporated 4
Wire breakage protection
Incorporated
Incorporated
Incorporated
Incorporated
Incorporated
Incorporated
Reverse polarity protection
Incorporated
Incorporated
Incorporated
Incorporated
Incorporated
Incorporated
Physical
Size
See Dimensions on Page V8-T3-54.
Enclosure protection
NEMA 4, 4X, 6, 6P, 13
NEMA 4, 4X, 6, 6P, 13
NEMA 4, 4X, 6, 6P, 13
NEMA 4, 4X, 6, 6P, 13
NEMA 4, 4X, 6, 6P, 13
NEMA 4, 4X, 6, 6P, 13
Shock
30 g half-sine at 11 ms
30 g half-sine at 11 ms
30 g half-sine at 11 ms
30 g half-sine at 11 ms
30 g half-sine at 11 ms
30 g half-sine at 11 ms
Vibration
10–55 Hz,
1 mm amplitude
10–55 Hz,
1 mm amplitude
10–55 Hz,
1 mm amplitude
10–55 Hz,
1 mm amplitude
10–55 Hz,
1 mm amplitude
10–55 Hz,
1 mm amplitude
Housing material
Stainless steel,
polycarbonate end bell,
polyphenylene sulfide
front cap
Stainless steel,
polycarbonate end bell,
polyphenylene sulfide
front cap
Stainless steel,
polycarbonate end bell,
polyphenylene sulfide
front cap
Stainless steel,
polycarbonate end bell,
polyphenylene sulfide
front cap
Stainless steel,
polycarbonate end bell,
polyphenylene sulfide
front cap
Stainless steel,
polycarbonate end bell,
polyphenylene sulfide
front cap
Termination
Micro-connector,
potted cable, 2m;
Pigtail,
micro-connector, 2m
Micro-connector,
potted cable, 2m;
Pigtail,
micro-connector, 2m
Micro-connector,
potted cable, 2m;
Pigtail,
micro-connector, 2m
Micro-connector,
potted cable, 2m;
Pigtail,
micro-connector, 2m
Micro-connector,
potted cable, 2m;
Pigtail,
micro-connector, 2m
Micro-connector,
potted cable, 2m;
Pigtail,
micro-connector, 2m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com