Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAS3F3RY2202 Datasheet(PDF) 61 Page - Eaton All Rights Reserved.

Part # CSAS3F3RY2202
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3RY2202 Datasheet(HTML) 61 Page - Eaton All Rights Reserved.

Back Button CSAS3F3RY2202 Datasheet HTML 57Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 58Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 59Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 60Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 61Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 62Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 63Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 64Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 65Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 102 page
background image
V8-T3-60
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.8
Inductive Proximity Sensors
Metal Face Sensors
Accessories
Metal Face Sensors
Technical Data and Specifications
Metal Face Sensors
Description
Reference
Mounting brackets
See Tab 8,
section 8.2
Replacement mounting nuts and other accessories
See Tab 8,
section 8.3
Connector cables
See Tab 10,
section 10.1
Description
Two-Wire AC/DC Sensors
Three-Wire DC Only Sensors
Operating voltage
20–250 Vac/dc
10–30 Vdc
Maximum load current
100 mA
100 mA
Switching frequency
12 mm
15 Hz
2000 Hz
18 mm
—
1000 Hz
30 mm
—
300 Hz
Leakage current
2.5 mA maximum
600 μA maximum
Voltage drop
10 V maximum
1.5 V maximum
Holding current
5 mA minimum
—
Burden current
—
17 mA
Protection
Transient, power on false pulse suppression
Short-circuit protection
Switching hysteresis
<15% rated sensing distance
<15% rated sensing distance
Repeat accuracy
<1% sensing distance
<1% sensing distance
Time delay before availability
<200 ms
<200 ms
Output indicator LED
Lights when output is ON
Lights when output is ON
Operating temperature
–13 to 131 °F (–25 to 55 °C)
–13 to 131 °F (–25 to 55 °C)
Enclosure ratings
NEMA 4, 4X, 6, 6P, 12 and 13 (IP67)
NEMA 4, 4X, 6, 6P, 12 and 13 (IP67)
Shock
30 g sine wave, 11 ms per IEC68-2-76
30 g sine wave, 11 ms per IEC68-2-76
Vibration
10 to 55 Hz, 1 mm amplitude in all three planes
10 to 55 Hz, 1 mm amplitude in all three planes
Housing material
303 stainless steel
303 stainless steel
Face thickness
20 mils
20 mils



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com