Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAS3F3RY2202 Datasheet(PDF) 48 Page - Eaton All Rights Reserved.

Part # CSAS3F3RY2202
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3RY2202 Datasheet(HTML) 48 Page - Eaton All Rights Reserved.

Back Button CSAS3F3RY2202 Datasheet HTML 44Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 45Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 46Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 47Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 48Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 49Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 50Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 51Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 52Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 102 page
background image
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
V8-T3-47
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.5
Inductive Proximity Sensors
E57 Two-Wire (AC, AC/DC, DC) Proximity Sensors
Approximate Dimensions in Inches (mm)
Stainless Steel Short Body (Cable Connector Models)
12 mm
18 mm
30 mm
Stainless Steel Short Body (Micro-Connector Models)
12 mm
18 mm
30 mm
A
B
Sensing
Face
C
D
C
A
B
D
Sensing
Face
A
B
C
D
Sensing
Face
Size
Shielding
Overall Length
A
Threaded Length
B
Cap Height
C
Thread Size
D
Two-Wire AC Sensors
12 mm
Shielded
2.04 (51.7)
1.56 (39.6)
0.02 (0.5)
M12 x 1
Unshielded
2.04 (51.7)
1.38 (35.1)
0.20 (5)
M12 x 1
18 mm
Shielded
1.39 (35.3)
0.86 (21.82)
0.02 (0.5)
M18 x 1
Unshielded
1.39 (35.3)
0.60 (15.32)
0.28 (7)
M18 x 1
30 mm
Shielded
1.58 (40.2)
0.99 (25.15)
0.03 (0.8)
M30 x 1.5
Unshielded
1.77 (44.9)
0.68 (17.27)
0.52 (13.26)
M30 x 1.5
Two-Wire AC/DC Sensors
12 mm
Shielded
2.46 (62.4)
1.98 (50.27)
—
M12 x 1
Unshielded
2.46 (62.4)
1.80 (45.77)
0.20 (5)
M12 x 1
18 mm
Shielded
2.54 (64.5)
2.00 (50.9)
—
M18 x 1
Unshielded
2.54 (64.5)
1.75 (44.4)
0.28 (7)
M18 x 1
30 mm
Shielded
2.72 (69.3)
2.12 (53.8)
—
M30 x 1.5
Unshielded
2.72 (69.3)
1.63 (41.4)
0.52 (13.26)
M30 x 1.5
A
B
C
D
Sensing
Face
A
B
D
C
Sensing
Face
A
B
C
D
Sensing
Face
Size
Shielding
Overall Length
A
Threaded Length
B
Cap Height
C
Thread Size
D
Two-Wire AC Sensors
12 mm
Shielded
2.27 (57.8)
1.56 (39.6)
0.02 (0.5)
M12 x 1
Unshielded
2.27 (57.8)
1.38 (35.1)
0.20 (5)
M12 x 1
18 mm
Shielded
1.57 (40.0)
0.86 (21.82)
0.02 (0.5)
M18 x 1
Unshielded
1.57 (40.0)
0.60 (15.32)
0.28 (7)
M18 x 1
30 mm
Shielded
1.76 (44.8)
0.99 (25.15)
0.03 (0.8)
M30 x 1.5
Unshielded
1.95 (49.5)
0.68 (17.27)
0.52 (13.26)
M30 x 1.5
Two-Wire AC/DC Sensors
12 mm
Shielded
2.69 (68.4)
1.98 (50.27)
—
M12 x 1
Unshielded
2.69 (68.4)
1.80 (45.77)
0.20 (5)
M12 x 1
18 mm
Shielded
2.72 (69.06)
2.00 (50.9)
—
M18 x 1
Unshielded
2.72 (69.06)
1.75 (44.4)
0.28 (7)
M18 x 1
30 mm
Shielded
2.91 (73.8)
2.12 (53.8)
—
M30 x 1.5
Unshielded
2.91 (73.8)
1.63 (41.4)
0.52 (13.26)
M30 x 1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com