Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAS3F3RY2202 Datasheet(PDF) 42 Page - Eaton All Rights Reserved.

Part # CSAS3F3RY2202
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3RY2202 Datasheet(HTML) 42 Page - Eaton All Rights Reserved.

Back Button CSAS3F3RY2202 Datasheet HTML 38Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 39Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 40Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 41Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 42Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 43Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 44Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 45Page - Eaton All Rights Reserved. CSAS3F3RY2202 Datasheet HTML 46Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 102 page
background image
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
V8-T3-41
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.5
Inductive Proximity Sensors
E57 Two-Wire (AC, AC/DC, DC) Proximity Sensors
Technical Data and Specifications
Stainless Steel Body
Notes
Ryton® is a registered trademark of Phillips Chemical (division of Phillips Petroleum).
1 240 Vac operation is limited to less than 122 °F (50 °C) in two-wire AC/DC models.
Two-Wire AC/DC Sensors
Description
Two-Wire AC Sensors
AC Operation
DC Operation
Operating voltage
40–250 Vac
40–250 Vac
20–250 Vdc
Maximum load current
250 mA
200 mA
200 mA
Switching frequency
20 Hz
60 Hz
60 Hz
Leakage current
1.7 mA maximum at 70 °C
1.7V mA maximum at 120 Vac
≤2.0 mA
Voltage drop
7V maximum
≤4 V at >25 mA
12 V at <10 mA
Holding current
5 mA minimum
5 mA minimum
5 mA maximum
Protection
—
Resettable short circuit;
overload protection
Resettable short circuit;
overload protection
Switching hysteresis
2–20% of rated sensing distance
2–20% of rated sensing distance
2–20% of rated sensing distance
Repeat accuracy
<3% sensing distance
<3% sensing distance
<3% sensing distance
Output indicator LED
360° viewable LED
360° viewable LED
360° viewable LED
Operating temperature
–13 to 158 °F (–25 to 70 °C) 1
–13 to 158 °F (–25 to 70 °C) 1
–13 to 158 °F (–25 to 70 °C) 1
Enclosure ratings
NEMA 4, 4X, 6, 6P, 12 and 13 (IP67)
NEMA 4, 4X, 6, 6P, 12 and 13 (IP67)
NEMA 4, 4X, 6, 6P, 12 and 13 (IP67)
Shock
30 g sine wave, 11 ms per IEC68-2-76
30 g sine wave, 11 ms per IEC68-2-76
30 g sine wave, 11 ms per IEC68-2-76
Vibration
10 to 55 Hz, 1 mm amplitude
10 to 55 Hz, 1 mm amplitude
10 to 55 Hz, 1 mm amplitude
Material of construction
Stainless steel, polycarbonate end bells,
Ryton® front cap
Stainless steel, polycarbonate end bells,
Ryton® front cap
Stainless steel, polycarbonate end bells,
Ryton® front cap
Cable
AWM Style 20387 (PVC)
AWM Style 20387 (PVC)
AWM Style 20387 (PVC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com