Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811U/2DA/1 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # PCF8811U/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8811U/2DA/1 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button PCF8811U/2DA/1 Datasheet HTML 28Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 29Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 30Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 31Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 32Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 33Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 34Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 35Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 73 page
background image
2004 May 17
32
Philips Semiconductors
Product specification
80
× 128 pixels matrix LCD driver
PCF8811
13.1.3
SPECIFIC COMMANDS OF THE EXTENDED COMMAND SET
Table 14 Explanation of symbols
Note
1. It is strongly recommended to use the p = 4 setting.
BIT
LOGIC 0
LOGIC 1
RESET STATE
VPR[7:6] + VPR[5:0]
programming value of VLCD
00000000
FR[1:0]
frame-rate frequency
11
TC[2:0]
temperature coefficient
(TC2) 010
V
horizontal addressing
vertical addressing
0
DOR
LSB at top
MSB at top
0
IC
no Icon row (1/16 to 1/80)
Icon row (1/16 to 1/80)
0
BRS
bottom rows are not
mirrored
bottom rows are mirrored
0
MP(1)
mux rate driven p value
(automatic)
p = 4 selected for mux rate
1 : 64 and 1 : 80
0
EC
use internal oscillator
use external oscillator
0
S[2:0]
charge pump multiplication factor
100
Table 15 Frame-rate frequency
Table 16 Temperature coefficient
Table 17 Multiplication settings
13.2
Initialization
Reset is accomplished by applying an external reset pulse
(active LOW) at pad RES. When reset occurs within the
specified time, all internal registers are reset, however the
RAM is still undefined. The state after reset is described in
Section 13.3. Pad RES must be
≤0.3VDD1 when VDD1
reaches VDD(min) (or higher) within a maximum time tVHRL
after VDD1 goes high (see Fig.43).
A reset can also be achieved by sending a reset
command. This command can be used during normal
operation but not to initialize the chip after power-on.
FR[1:0]
FRAME-RATE
FREQUENCY
00
30 Hz
01
40 Hz
10
50 Hz
11
60 Hz
TC[2:0]
TEMPERATURE
COEFFICIENT
000
0
001
1
010
2
011
3
100
4
101
5
110
6
111
7
S[2:0]
DESCRIPTION
000
2
× voltage multiplier
001
3
× voltage multiplier
010
4
× voltage multiplier
011
5
× voltage multiplier
100
4
× voltage multiplier
101
5
× voltage multiplier
110
6
× voltage multiplier
111
7
× voltage multiplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com