Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811U/2DA/1 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF8811U/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8811U/2DA/1 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF8811U/2DA/1 Datasheet HTML 12Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 13Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 14Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 15Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 16Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 17Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 18Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 19Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 73 page
background image
2004 May 17
16
Philips Semiconductors
Product specification
80
× 128 pixels matrix LCD driver
PCF8811
11 SERIAL INTERFACING (SPI AND SERIAL
INTERFACE)
Communication with the microcontroller can also occur via
a clock-synchronized Serial Peripheral Interface (SPI). It is
possible to select two different 3-line (SPI and serial
interface) or a 4-line serial interface. Selection is achieved
via PS[2:0]; see Section 7.12.
11.1
Serial peripheral interface
The serial peripheral interface is a 3-line or 4-line interface
for communication between the microcontroller and the
LCD driver chip. The 3 lines are: SCE (chip enable), SCLK
(serial clock) and SDATA (serial data). For the 4-line serial
interface a separate D/C line is added. The PCF8811 is
connected to the serial data I/O (SDA) of the
microcontroller by two pins: SDATA (data input) and SDO
(data output) connected together.
11.1.1
WRITE MODE
The display data/command indication may be controlled
either via software or the D/C select pin. When the D/C pin
is used, display data is transmitted when D/C is HIGH, and
command data is transmitted when D/C is LOW
(see Figs 12 and 13). When pin D/C is not used, the
display data length instruction is used to indicate that
a specific number of display data bytes (1 to 255) are to be
transmitted (see Fig.14). The next byte after the display
data string is handled as an instruction command.
When the 3-line SPI interface is used the display
data/command is controlled by software.
If SCE is pulled HIGH during a serial display data stream,
the interrupted byte is invalid data but all previously
transmitted data is valid. The next byte received will be
handled as an instruction command (see Fig.15).
handbook, full pagewidth
SCE
D/C
SCLK
SDATA
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
MGW744
Fig.12 Serial bus protocol: transmission of one byte.
handbook, full pagewidth
SCE
D/C
SCLK
SDATA
DB7 DB6 DB5 DB4 DB3 DB2
DB1 DB0
DB7
DB7 DB6 DB5 DB4 DB3 DB2
DB1 DB0
DB6 DB5
MGW745
Fig.13 Serial bus protocol: transmission of several bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com