Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811U/2DA/1 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCF8811U/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8811U/2DA/1 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCF8811U/2DA/1 Datasheet HTML 20Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 21Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 22Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 23Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 24Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 25Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 26Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 27Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 73 page
background image
2004 May 17
24
Philips Semiconductors
Product specification
80
× 128 pixels matrix LCD driver
PCF8811
Table 4
Co and D/C definition
BIT
LOGIC
LEVEL
R/W
ACTION
Co
0
N/A
last control byte to be sent; only a stream of data bytes are allowed to follow; this stream
may only be terminated by a STOP or RE-START condition
1
another control byte will follow the data byte unless a STOP or RE-START condition is
received
D/C
0
0
data byte will be decoded and used to set-up the device
1
data byte will return the status byte
1
0
data byte will be stored in the display RAM
1
RAM read back is not supported
A read sequence is given in Fig.29 and again this
sequence follows after the Hs-mode is selected. The
PCF8811 will immediately start to output the requested
data until a not-acknowledge is transmitted by the master.
Before the read access, the user has to set the D/C bit to
the appropriate value by a preceding write access. The
write access should be terminated by a RE-START
condition so that the Hs-mode is not disabled.
After the last control byte, depending on the D/C bit
setting, either a series of display data bytes or command
data bytes may follow. If the D/C bit was set to logic 1,
these display bytes are stored in the display RAM at the
address specified by the data pointer.
The data pointer is automatically updated and the data is
directed to the intended PCF8811 device. If the D/C bit of
the last control byte was set to logic 0, these command
bytes will be decoded and the setting of the device will be
changed according to the received commands. The
acknowledgement after each byte is made only by the
addressed PCF8811. At the end of the transmission the
I2C-bus master issues a STOP condition (P) and switches
back to the F/S-mode, however, to reduce the overhead of
the master code, it is possible that a master can link
a number of Hs-mode transfers, separated by repeated
START conditions (Sr).
handbook, full pagewidth
,,
,,
,,,,,
,,,,,
,,,,,
,,,,,
F/S-mode
Hs-mode (current-source for SCLH enabled)
F/S-mode
MSC616
A
A
A/A
DATA
(n bytes
+ ack.)
S
R/W
MASTER CODE
Sr
SLAVE ADD.
Hs-mode continues
,,,,
,,,,
Sr SLAVE ADD.
P
Fig.26 Data transfer format in Hs-mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com