Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811U/2DA/1 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF8811U/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8811U/2DA/1 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF8811U/2DA/1 Datasheet HTML 2Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 3Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 4Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 5Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 6Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 7Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 8Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 9Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 73 page
background image
2004 May 17
6
Philips Semiconductors
Product specification
80
× 128 pixels matrix LCD driver
PCF8811
VOS1
89
VLCD offset pad 1
VOS0
90
VLCD offset pad 0
VLCDOUT
91 to 99
voltage multiplier output
VLCDSENSE
100
voltage multiplier regulation input
VLCDIN
101 to 107
LCD supply voltage
ROW 79 to
ROW 40
115 to 154
LCD row driver outputs; ROW 79 is the icon row when the icon row is enabled
ROW 80
155
duplicate of ROW 79
COL0to
COL 127
156 to 283
LCD column driver outputs
ROW 0 to
ROW 39
284 to 323
LCD row driver outputs
1, 3 to 8,
109 to 114,
324 to 333
dummy pads
2 and 108
alignment marks
SYMBOL
PAD
DESCRIPTION
7
PIN FUNCTIONS
7.1
ROW 0 to ROW 79: row driver outputs
These pads output the display row signals.
7.2
COL 0 to COL 127: column driver outputs
These pads output the display column signals.
7.3
VSS1 and VSS2: negative power supply rails
The 2 supply rails must be connected together.
7.4
VDD1 to VDD3: positive power supply rails
VDD2 and VDD3 are the supply voltage for the internal
voltage generator. Both have the same voltage and may
be connected together outside of the chip. VDD1 is used as
supply for the rest of the chip. VDD1 can be connected
together with VDD2, VDD3 but in this case care must be
taken to respect the supply voltage range; see Chapter 16.
If the internal voltage generator is not used then pins VDD2
and VDD3 must be connected to VDD1.
7.5
VOTPPROG: OTP programming power supply
Supply voltage for the OTP programming; see Chapter 22.
VOTPROG can be combined with the SCLH/SCE pin in order
to reduce the external connections.
7.6
VLCDOUT, VLCDIN and VLCDSENSE: LCD power
supply
Positive power supply for the liquid crystal display. If the
internal VLCD generator is used, then all three inputs must
be connected together. If not (VLCD generator is disabled
and an external voltage is supplied to VLCDIN), then
VLCDOUT must be left open-circuit, VLCDSENSE must be
connected to VLCDIN, VDD2 and VDD3 should be applied
according to the specified voltage range. An external LCD
supply voltage can be supplied using the VLCDIN pad. In
this case, VLCDOUT should not be connected to VLCDIN, and
the internal voltage generator must be switched off. If the
PCF8811 is in power-save mode, the external LCD supply
voltage can be switched off.
7.7
T1 to T5: test pads
T1, T2 and T5 must be connected to VSS, T3 and T4 must
be left open-circuit. Not accessible to user.
7.8
MF2 to MF0
Manufacturer device ID pads. (manufacturer ID
100 = Philips).
7.9
DS0
Device recognition pad; see Table 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com