Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811U/2DA/1 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PCF8811U/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8811U/2DA/1 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PCF8811U/2DA/1 Datasheet HTML 29Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 30Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 31Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 32Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 33Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 34Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 35Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 36Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 73 page
background image
2004 May 17
33
Philips Semiconductors
Product specification
80
× 128 pixels matrix LCD driver
PCF8811
13.3
Reset function
13.3.1
BASIC COMMAND SET
After reset the LCD driver has the following state:
• Display setting E = 0 and DAL = 0
• Address commands X[6:0] = 0 and Y[3:0] = 0
• VLCD is equal to 0, the HV generator is switched off
(PC[1:0] = 00)
• No offset of the programming range (VOFF[2:0] = 0)
• HV generator programming (VPR[5:0] = 0)
• 4 × voltage multiplier (S[1:0] = 00)
• After power-on, RAM data is undefined, the reset signal
does not change the content of the RAM
• All LCD outputs at VSS (display off)
• Initial display line set to line 0 (L[6:0] = 0)
• Initial row set to ROW 0 (C[6:0] = 0)
• Full display selected (P[6:0] = mux 1 : 80 or 1 : 64)
• Display is not mirrored (MX = 0 and MY = 0)
• Internal oscillator is off
• Power-save mode is on
• No frame calibration is running.
13.3.2
EXTENDED COMMAND SET
After reset the LCD driver has the following state:
• Display settings E = 0 and DAL = 0
• Icons disabled (IC = 0)
• Address counter X[6:0] = 0 and Y[3:0] = 0
• Temperature control mode TC2 (TC[2:0] = 010)
• VLCD is equal to 0; the HV generator is switched off
(PC[1:0] = 0)
• HV generator programming (VPR[7:0] = 0)
• 4 × voltage multiplier (S[2:0] = 100)
• Frame-rate frequency (FR[1:0] = 11)
• After power-on, RAM data is undefined, the reset signal
does not change the content of the RAM
• All LCD outputs at VSS (display off)
• Full display selected (P[6:0] = mux 1 : 80 or 1 : 64)
• Initial display line set to line 0 (L[6:0] = 0)
• Initial row set to ROW 0 (C[6:0] = 0)
• Display is not mirrored (MX = 0; MY = 0)
• Internal oscillator is off
• Power-save mode is on
• Horizontal addressing enabled (V = 0)
• No data order swap (DOR = 0)
• No bottom row swap (BRS = 0)
• Internal oscillator enabled (EC = 0)
• No frame calibration running (OC = 0).
13.4
Power-save mode
In the power-save mode the LCD driver has the following
state:
• All LCD outputs at VSS (display off)
• Bias generator and VLCD generator switched off;
external VLCD can be disconnected
• Oscillator off (external clock possible)
• RAM contents not cleared; RAM data can be written
• VLCD discharged to VSS in Power-down mode.
There are two ways to put the chip into power-save mode:
• The display must be off (DON = 0) and all the pixels on
(DAL = 1)
• The power-save mode command is activated.
13.5
Display control
The bits DON, E and DAL select the display mode;
see Table 8.
13.5.1
MX
When MX = 0 the display RAM is written from left to right
(X = 0 is on the left side and X = X max is on the right side
of the display).
When MX = 1 the display RAM is written from right to left
(X = 0 is on the right side and X = X max is on the left side
of the display).
The MX bit has an impact on the way the RAM is written
to. So if a horizontal mirroring of the display is desired, the
RAM must first be rewritten, after changing the MX bit.
13.5.2
MY
When MY = 1, the display is mirrored vertically.
A change of this bit has an immediate effect on the display.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com