Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811U/2DA/1 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # PCF8811U/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8811U/2DA/1 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button PCF8811U/2DA/1 Datasheet HTML 43Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 44Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 45Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 46Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 47Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 48Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 49Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 50Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 73 page
background image
2004 May 17
47
Philips Semiconductors
Product specification
80
× 128 pixels matrix LCD driver
PCF8811
19 SERIAL INTERFACE TIMING CHARACTERISTICS
VDD1 = 1.8 V to 3.3 V; VSS =0V; VLCD = maximum 9.0 V; Tamb = −40 °C to +85 °C; note 1; unless otherwise specified.
Notes
1. All specified timings are based on 20 % and 80 % of VDD.
2. tH5 is the time from the previous SCLK rising edge (irrespective of the state of SCE) to the falling edge of SCE.
3. SDOUT disable time for SPI 3-line or 4-line interface.
4. SDOUT disable time for serial interface 3-line.
5. Maximum values are for fSCLK = 9 MHz. Series resistance includes ITO track + connector resistance + printed-circuit
board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
3-line and 4-line (SPI and serial interface); see Fig.37 to Fig.40
fSCLK
clock frequency
9.00
MHz
Tcyc
clock cycle SCLK
111
ns
tPWH1
SCLK pulse width HIGH
45
ns
tPWL1
SCLK pulse width LOW
45
ns
tS2
SCE set-up time
50
ns
tH2
SCE hold time
45
ns
tPWH2
SCE minimum high time
50
ns
tH5
SCE start hold time
note 2
50
ns
tS4
SDIN set-up time
50
ns
tH4
SDIN hold time
50
ns
tS3
data/command set-up time
50
ns
tH3
data/command hold time
50
ns
tS1
SDIN set-up time
50
ns
tH1
SDIN hold time
50
ns
t1
SDOUT access time
50
ns
t2
SDOUT disable time
note 3
50
ns
t3
SCE hold time
50
ns
t4
SDOUT disable time
note 4
25
100
ns
Cb
capacitive load for SDO
note 5
30
pF
Rb
series resistance for SDO
note 5
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com