Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811U/2DA/1 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCF8811U/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8811U/2DA/1 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCF8811U/2DA/1 Datasheet HTML 22Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 23Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 24Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 25Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 26Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 27Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 28Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 29Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 73 page
background image
2004 May 17
26
Philips Semiconductors
Product specification
80
× 128 pixels matrix LCD driver
PCF8811
handbook, full pagewidth
MGW750
Sr 01111
S
A
0
S
A
1
1A
acknowledgement
from PCF8811
NOT acknowledgement
from Master
status information
A
slave address
STOP condition
P
R/W
Fig.29 Master receives from slave transmitter (status register is read); read mode.
12.3
Command decoder
The command decoder identifies command words that are
received on the I2C-bus:
• Pairs of bytes: information in 2nd byte, first byte
determines whether information is display or instruction
data
• Stream of information bytes after Co = 0: display or
instruction data depending on last D/C.
The most significant bit of a control byte is the continuation
bit Co. If this bit is at logic 1, it indicates that only one data
byte, either command or RAM data, will follow. If this bit is
at logic 0, it indicates that a series of data bytes, either
command or RAM data, may follow. The DB6 bit of a
control byte is the RAM data/command bit D/C. When this
bit is at logic 1, it indicates that a RAM data byte will be
transferred next. If the bit is at logic 0, it indicates that a
command byte will be transferred next.
13 INSTRUCTIONS
The PCF8811 interfaces via an 8-bit parallel interface, two
different 3-line serial interfaces, a 4-wire serial interface or
an I2C-bus interface. Processing of the instructions does
not require the display clock.
Data accesses to the PCF8811 can be broken down into
two areas; those that define the operating mode of the
device, and those that fill the display RAM.
In the case of the parallel and 4-wire SPI interfaces, the
distinction is the D/C pin. When the D/C pin is at logic 0,
the chip will respond to instructions as defined in Table 5.
When the D/C bit is at logic 1, the chip will send data to the
RAM.
When the 3-wire SPI, the 3-wire serial interface or the
I2C-bus interface is used, the distinction between
instructions which define the operating mode of the device
and those that fill the display RAM, is made respectively by
the display data length instruction (3-line SPI) or by the
D/C bit in the data stream (3-line serial interface and
I2C-bus interface).
There are 4 types of instructions. Those which:
1. Define the PCF8811 functions, such as display
configuration etc.
2. Set internal RAM addresses
3. Perform data transfer with internal RAM
4. Others.
In normal use, category 3 instructions are used most
frequently.
A basic and an extended instruction set is available: if the
EXT pin is set LOW the basic command set is used. If the
EXT pin is set HIGH the extended command set is used.
Both command sets are detailed in Table 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com