Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811U/2DA/1 Datasheet(PDF) 50 Page - NXP Semiconductors

Part # PCF8811U/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8811U/2DA/1 Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button PCF8811U/2DA/1 Datasheet HTML 46Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 47Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 48Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 49Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 50Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 51Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 52Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 53Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 73 page
background image
2004 May 17
50
Philips Semiconductors
Product specification
80
× 128 pixels matrix LCD driver
PCF8811
20 I2C-BUS INTERFACE TIMING CHARACTERISTICS
VDD1 = 1.8 V to 3.3 V; VSS =0V; VLCD = maximum 9.0 V; Tamb = −40 °C to +85 °C; note 1; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Fs-mode; see Fig.41
fSCLH
SCLH clock frequency
0
−
400
kHz
tSU;STA
set-up time (repeated) START
condition
600
−−
ns
tHD;STA
hold time (repeated) START
condition
600
−−
ns
tLOW
LOW period of the SCLH clock
1300
−−
ns
tHIGH
HIGH period of the SCLH clock
600
−−
ns
tSU;DAT
data set-up time
100
−−
ns
tHD;DAT
data hold time
0
−
900
ns
tr
SCL and SDA rise time
note 2
20 + 0.1Cb
−
300
ns
tf
SCL and SDA fall time
note 2
20 + 0.1Cb
−
300
ns
Cb
capacitive load represented by
each bus line
−−
400
pF
tSU;STO
set-up time for STOP condition
600
−−
ns
tSP
tolerable spike width on bus
−−
50
ns
tBUF
bus free time between START
and STOP condition
1300
−−
ns
VnL
noise margin at the LOW level
for each connected device
(including hysteresis)
0.1VDD1
−−
V
VnH
noise margin at the HIGH-level
for each connected device
(including hysteresis)
0.2VDD1
−−
V
Hs-mode; see Fig.42
fSCLH
SCLH clock frequency
0
−
3.4
MHz
tSU;STA
set-up time (repeated) START
condition
160
−−
ns
tHD;STA
hold time (repeated) START
condition
160
−−
ns
tLOW
LOW period of the SCLH clock
160
−−
ns
tHIGH
HIGH period of the SCLH clock
60
−−
ns
tSU;DAT
data set-up time
10
−−
ns
tHD;DAT
data hold time
20
−
70
ns
trCL
rise time of the SCLH signal
10
−
40
ns
trCL1
rise time of the SCLH signal
after the acknowledge bit
10
−
80
ns
tfCL
fall time of the SCLH signal
10
−
40
ns
trDA
rise time of the SDAH signal
10
−
80
ns
tfCL1
fall time of the SCLH signal
10
−
80
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com