Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811U/2DA/1 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # PCF8811U/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8811U/2DA/1 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button PCF8811U/2DA/1 Datasheet HTML 51Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 52Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 53Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 54Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 55Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 56Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 57Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 58Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 73 page
background image
2004 May 17
55
Philips Semiconductors
Product specification
80
× 128 pixels matrix LCD driver
PCF8811
22 MODULE MAKER PROGRAMMING
The One Time Programmable (OTP) technology is
implemented on the PCF8811. It enables the module
maker to program some extended features of the
PCF8811 after it has been assembled on an LCD module.
Programming is made under the control of the interfaces
and the use of one special pin. This pin must be made
available on the module glass but need not to be accessed
by the set maker.
The PCF8811 features 3 module maker programmable
parameters:
• VLCD calibration
• Temperature coefficient selection
• Seal bit.
22.1
VLCD calibration
The first feature included is the ability to adjust the VLCD
voltage with a 5-bit code (MMVOPCAL). This code is
implemented in twos complement notation giving rise to a
positive or negative offset to the VPR register. This is in the
same manner as the on-glass calibration pins VOS.
In theory, both may be used together but it is
recommended that the VOS pins are tied to VSS when OTP
calibration is being used. This will set them to a default
offset of zero. If both are used then the addition of the two
5-bit numbers must not exceed a 5-bit result otherwise the
resultant value will be undefined. The final adder in the
circuit has underflow and overflow protection. In the event
of an overflow, the output will be clamped to 255; during an
underflow the output will be clamped to 0.
The final control to the high voltage generator, VOP, will be
the sum of all the calibration registers and pins. The VLCD
equation (4) or (5) given in Section 13.10 must be
extended to include the OTP calibration, as follows;
(7)
The possible MMVOPCAL[4:0] values are the same as the
VOS[4:0] values; see Table 12.
V
LCD TT
CUT
=
()
aV
OS [4:0]
MMVOPCAL[4:0]
V
+
OP [7:0]
+
(
) b
×
+
=
handbook, full pagewidth
MGU287
OTP VLCD calibration: 5-bit offset
MMVOPCAL[4:0]
VOP[7:0]
range: 0 to
+255
range
−16 to +15
range
−16 to +15
range 0 to
+255
usable range
+32 to +255
to high voltage
generator
laser trim pins: 5-bit offset
VOS[4:0]
VPR register: 8-bit value
VPR[7:0]
+
+
Fig.47 VLCD calibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com