Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811U/2DA/1 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF8811U/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8811U/2DA/1 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF8811U/2DA/1 Datasheet HTML 1Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 2Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 3Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 4Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 5Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 6Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 7Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 8Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 73 page
background image
2004 May 17
3
Philips Semiconductors
Product specification
80
× 128 pixels matrix LCD driver
PCF8811
1
FEATURES
• Single-chip LCD controller/driver
• 80 row and 128 column outputs
• Display data RAM 80 × 128 bits
• 128 icons (row 80 can be used for icons in extended
command set and when icon rows are enabled)
• An 8-bit parallel interface, 3 or 4-line Serial Peripheral
Interface (SPI) and high-speed I2C-bus
• On-chip:
– Configurable voltage multiplier generating VLCD;
external VLCD also possible
– Linear temperature compensation of VLCD;
8 programmable temperature coefficients (extended
command set); one fixed temperature coefficient
which default can be set by OTP programming (basic
command set)
– Generation of intermediate LCD bias voltage
– Oscillator requires no external components; external
clock input also possible.
• OTP calibration for VLCD and accurate frame frequency
• External reset input pin
• CMOS compatible inputs
• Mux rate: 1 : 16 to 1 : 80 in steps of 8 when no icon row
is used, with the icon row steps of 16 can be used
• Logic supply voltage range VDD1 − VSS:
– 1.7 V to 3.3 V.
• High voltage generator supply voltage range
VDD2,VDD3 − VSS:
– 1.8 V to 3.3 V.
• Display supply voltage range VLCD − VSS:
– 3Vto9V.
• Low power consumption; suitable for battery operated
systems
• Programmable bottom row pads mirroring; for
compatibility with both Tape Carrier Packages (TCP)
and Chip On Glass (COG) applications (extended
command set)
• Status read which allows for chip recognition and
content checking of some registers
• Start address line which allows, for instance, the
scrolling of the displayed image
• Programmable display RAM pointers for variable display
sizes
• Slim chip layout, suited for COG applications
• Temperature range: Tamb = −40 °C to +85 °C.
2
APPLICATIONS
• Telecom equipment
• Portable instruments
• Point of sale terminals.
3
GENERAL DESCRIPTION
The PCF8811 is a low power CMOS LCD controller driver,
designed to drive a graphic display of 80 rows and
128 columns or a graphic display of 79 rows and
128 columns and a icon row of 128 symbols. All necessary
functions for the display are provided in a single chip,
including on-chip generation of the LCD supply and bias
voltages, resulting in a minimum of external components
and low power consumption. The PCF8811 can interface
to microcontrollers via a parallel bus, serial bus or I2C-bus
interface.
4
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCF8811U/2DA/1
−
chip with bumps in tray, not covered under Philips/Motif
license agreement
−
PCF8811MU/2DA/1
−
chip with bumps in tray, sold under license from Motif
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com