Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811U/2DA/1 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCF8811U/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8811U/2DA/1 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCF8811U/2DA/1 Datasheet HTML 11Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 12Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 13Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 14Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 15Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 16Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 17Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 18Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 73 page
background image
2004 May 17
15
Philips Semiconductors
Product specification
80
× 128 pixels matrix LCD driver
PCF8811
handbook, full pagewidth
MGW743
0
Y max
0
X max
X address
Y address
Fig.11 RAM format addressing (MY = 0) (both command sets).
10 PARALLEL INTERFACE
The parallel interfaces which can be selected is the
6800 series 8-bit bidirectional interface for communication
between the microcontroller and the LCD driver chip. The
selection of these interfaces is achieved with pins PS[2:0];
see Section 7.12.
10.1
6800 series parallel interface
The interface functions of the 6800 series parallel
interface are given in Table 3.
Table 3
6800 series parallel interface function
The parallel interface timing diagram for the 6800 series is
given in Chapter 18 (see Figs 35 and 36).
The timing diagrams differ because the clock is connected
(in Fig.35) to the enable (E) input. In Fig.36 the clock is
connected to the chip select input (SCE) and the enable
input (E) is tied HIGH.
D/CR/WR
OPERATION
0
0
command data write
0
1
read status register
1
0
display data write
1
1
none



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com