Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811U/2DA/1 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # PCF8811U/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8811U/2DA/1 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button PCF8811U/2DA/1 Datasheet HTML 34Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 35Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 36Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 37Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 38Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 39Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 40Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 41Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 73 page
background image
2004 May 17
38
Philips Semiconductors
Product specification
80
× 128 pixels matrix LCD driver
PCF8811
Table 21 Relationship between mux rates and bias setting variables with the icon row (only extended command set)
13.10 Set VOP value
For mux rate 1 : 80 the optimum operation voltage of a liquid can be calculated with the variables given in Table 21 and
equations (1) and (2).
(3)
Where VTH is the threshold voltage of the liquid crystal material used.
The way of programming the VOP value is implemented differently in the basic command set in comparison to the
extended command set. In the basic command set two commands are sent to the PCF8811: namely VPR[5:0] and
VOFF[2:0]. In the extended command set only one command VPR[7:0] is sent to the PCF8811. This VOP programming is
illustrated in Fig.32. The programming of VOP in the basic command set can be used when the PCF8811 is used as a
replacement for an IAPT LCD driver. A conversion table (ROM) can be provided which transfers the programming of an
IAPT VOP value to a MRA VOP value.
MUX RATE
N
m
p
1:16
24
49
2
1:32
40
49
4
1:48
56
81
8
1:64
80
81
8
1:80
80
81
8
V
LCD
2
8
-------
V
TH
×
80
2
------
81
81
80
–
–
81
1
–
----------------------------------------
×
4.472
V
TH
×
=
×
=
handbook, full pagewidth
MGW753
VLCD
LOOK-UP
TABLE
ROM
1
0
MMVOPCAL[4:0]
VOS[4:0]
VOP[7:0]
VPR[7:0]
rom_add[8:0]
VPR[5:0]
VOFF[2:0]
b
EXT
EXT = 1
EXT = 0
a
7 6 5 4 3 2 1 0 2 1 0
Fig.32 Setting of VOP in the basic and extended command set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com