Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811U/2DA/1 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCF8811U/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8811U/2DA/1 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCF8811U/2DA/1 Datasheet HTML 16Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 17Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 18Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 19Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 20Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 21Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 22Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 23Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 73 page
background image
2004 May 17
20
Philips Semiconductors
Product specification
80
× 128 pixels matrix LCD driver
PCF8811
handbook, full pagewidth
MGU281
SCE
RES
SCLK
SDIN
DB7
D/C
DB6 DB5 DB4
DB7
DB7 DB6 DB5 DB4 DB3 DB2
DB1 DB0
DB6
D/C
D/C
Fig.20 Write mode: interrupted by reset (RES).
11.2.2
READ MODE (ONLY EXTENDED COMMAND SET)
The read mode of the interface means that the
microcontroller reads data from the PCF8811. To do so the
microcontroller first has to send a command (the read
status command) and then the following byte is
transmitted in the opposite direction (using SDO) (see
Fig.21). After that, SCE is required to go HIGH before
a new command is sent.
The PCF8811 samples the SDATA data on the rising
SCLK edges, but shifts SDO data on the falling SCLK
edges. Thus the microcontroller is supposed to read SDO
data on rising SCLK edges.
After the read status command has been sent, the SDATA
line must be set to 3-state not later then the falling SCLK
edge of the last bit (see Fig.21).
The 8th read bit is shorter than the others because it is
terminated by the rising SCLK edge (see Fig.40). The last
rising SCLK edge sets SDO to 3-state after the delay
time t4.
The serial interface timing diagram is given in Chapter 19.
handbook, full pagewidth
MGU282
SCE
SCLK
SDIN
SDOUT
DB7
D/C
DB6 DB5 DB4
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
DB3 DB2
DB1 DB0
D/C
Fig.21 Read mode serial interface 3-line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com