Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811U/2DA/1 Datasheet(PDF) 58 Page - NXP Semiconductors

Part # PCF8811U/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8811U/2DA/1 Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button PCF8811U/2DA/1 Datasheet HTML 54Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 55Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 56Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 57Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 58Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 59Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 60Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 61Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 73 page
background image
2004 May 17
58
Philips Semiconductors
Product specification
80
× 128 pixels matrix LCD driver
PCF8811
22.5.2
REFRESH
The action of the ‘Refresh’ instruction is to force the OTP
shift register to re-load from the non-volatile OTP cells.
This instruction takes up to 5 ms to complete. During this
time all other instructions may be sent.
In the PCF8811 the ‘Refresh’ instruction is associated with
the ‘Power control’ instruction so that the shift register is
automatically refreshed every time the high voltage
generator is enabled or disabled. It should be noted
however, that if this instruction is sent while in the
power-save mode, the PC[1:0] bits will be updated but the
refreshing will be ignored.
22.6
Example of filling the shift register
An example of the sequence of commands and data is
shown in Table 25. In this example the shift register is filled
with the following data: MMVOPCAL =
−4 (11100 BIN),
MMTC = 2 (010 BIN) and the seal bit is 0.
It is assumed that the PCF8811 has just been reset. After
transmitting the last bit the PCF8811 can exit or remain in
the CALMM mode (see step 1). It should be noted that
while in CALMM mode the interface does not recognize
commands in the normal sense.
After this sequence has been applied it is possible to
observe the impact of the data shifted in. The described
sequence is, however, not useful for OTP programming
because the number of bits with the value logic 1 is greater
than that allowed for programming; see Section 22.7.
Figure 49 shows the shift register after this action.
Table 25 Example sequence for filling the shift register; note 1
Notes
1. X = don’t care.
2. The data for the bits is not in the correct shift register position until all bits have been sent.
STEP
EXT
D/CR/W
D7
D6
D5
D4
D3
D2
D1
D0
ACTION
1
X
0
0
1
1
1
0
0
0
0
1
exit Power-down
2
wait 5 ms for refresh to take effect
3
X
0
0
1
0
0
0
0
0
1
0
enter CALMM mode
4
X
0
0
1
X
X
X
X
X
X
1
shift in data. MMVOPCAL[4] is first
bit; note 2
5
X
0
0
1
X
X
X
X
X
X
1
MMVOPCAL[3]
6
X
0
0
1
X
X
X
X
X
X
1
MMVOPCAL[2]
7
X
0
0
1
X
X
X
X
X
X
0
MMVOPCAL[1]
8
X
0
0
1
X
X
X
X
X
X
0
MMVOPCAL[0]
9
X
0
0
1
X
X
X
X
X
X
0
MMTC[2]
10
X
0
0
1
X
X
X
X
X
X
1
MMTC[1]
11
X
0
0
1
X
X
X
X
X
X
0
MMTC[0]
12
X
0
0
0
X
X
X
X
X
X
0
seal bit; exit CALMM mode
An alternative ending could be to stay in CALMM mode
13
X
0
0
1
X
X
X
X
X
X
0
seal bit; remain in CALMM mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com