Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811U/2DA/1 Datasheet(PDF) 59 Page - NXP Semiconductors

Part # PCF8811U/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8811U/2DA/1 Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button PCF8811U/2DA/1 Datasheet HTML 55Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 56Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 57Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 58Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 59Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 60Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 61Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 62Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 73 page
background image
2004 May 17
59
Philips Semiconductors
Product specification
80
× 128 pixels matrix LCD driver
PCF8811
handbook, full pagewidth
MSB
LSB
shifting
direction
0
MGW765
MMTC[2:0]
SEAL
BIT = 0
1
0
MSB
LSB
0
MMVOPCAL[4:0]
OTP SHIFT REGISTER
0
1
1
1
Fig.49 Shift register contents after example sequence of Table 25.
22.7
Programming flow
Programming is achieved whilst in CALMM mode and with
the application of the programming voltages. As
mentioned previously, the data for programming the OTP
cell is contained in the corresponding shift register cell.
The shift register cell must be loaded with a logic 1 in order
to program the corresponding OTP cell. If the shift register
cell contains a logic 0, then no action will take place when
the programming voltages are applied.
Once programmed, an OTP cell cannot be
de-programmed. An already programmed cell, i.e. an OTP
cell containing a logic 1, must not be re-programmed.
During programming a substantial current flows in the
VLCDIN pin. For this reason it is recommended to program
only one OTP cell at a time. This is achieved by filling all
but one shift register cells with logic 0.
It should be noted that the programming specification
refers to the voltages at the chip pins, contact resistance
must therefore be considered by the user.
An example sequence of commands and data for OTP
programming is given in Table 26.
The order for programming cells is not significant.
However, it is recommended that the seal bit is
programmed last. Once this bit has been programmed it
will not be possible to re-enter the CALMM mode.
It is assumed that the PCF8811 has just been reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com