Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811U/2DA/1 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # PCF8811U/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8811U/2DA/1 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button PCF8811U/2DA/1 Datasheet HTML 38Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 39Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 40Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 41Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 42Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 43Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 44Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 45Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 73 page
background image
2004 May 17
42
Philips Semiconductors
Product specification
80
× 128 pixels matrix LCD driver
PCF8811
16 DC CHARACTERISTICS
VDD1 = 1.7 V to 3.3 V; VSS =0V; VLCD = 3.0 V to 9.0 V; Tamb = −40 °C to +85 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD1
general supply voltage
1.7
−
3.3
V
basic command set; when
using ROM look-up table
(see Section 13.10)
2.0
−
3.3
V
VDD2,
VDD3
supply voltage for the internal
voltage generator
1.8
−
3.3
V
VLCDIN
LCD supply voltage
LCD voltage externally
supplied (voltage generator
disabled)
−−
9.0
V
VLCDOUT
voltage multiplier output
voltage
LCD voltage internally
generated (voltage generator
enabled); note 1
−−
9.0
V
VLCD(tol)
tolerance of generated VLCD
without calibration
−300
−
+300
mV
with calibration; note 2
−70
−
+70
mV
IDD1
general supply current
notes 3 and 4
0.5
1.5
5
µA
notes 4 and 5
15
25
50
µA
IDD2, IDD3
supply current for the internal
voltage generator
notes 3 and 4
0
0.5
1
µA
notes 5 and 4
130
150
200
µA
IDD(tot)
total supply current
(VDD1 +VDD2 +VDD3)
notes 5 and 4
145
175
250
µA
Logic inputs; MF[2:0], VOS[4:0], DS0, EXT, PS[2:0], RES and OSC
VIL
LOW-level input voltage
VSS
−
0.2VDD1 V
VIH
HIGH-level input voltage
0.8VDD1 −
VDD1
V
IL
leakage current
VI =VDD or VSS
−1
−
+1
µA
Column and row outputs
Rcol
column output resistance
COL 0 to COL 127
VLCD =5V
−−
5k
Ω
Rrow
row output resistance ROW 0
to ROW 79
VLCD =5V
−−
5k
Ω
Vbias(col)
bias tolerance voltage COL 0
to COL 127
−100
0
+100
mV
Vbias(row)
bias tolerance voltage ROW 0
to ROW 80
−100
0
+100
mV
LCD supply voltage generator
TC0
VLCD temperature coefficient 0
−
0
−
/
°C
TC1
VLCD temperature coefficient 1
−−0.16 × 10−3
−
/
°C
TC2
VLCD temperature coefficient 2
−−0.33 × 10−3
−
/
°C
TC3
VLCD temperature coefficient 3
−−0.50 × 10−3
−
/
°C
TC4
VLCD temperature coefficient 4
−−0.66 × 10−3
−
/
°C
TC5
VLCD temperature coefficient 5
−−0.833 × 10−3 −
/
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com