Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7763ARS Datasheet(PDF) 34 Page - Analog Devices

Part # ADE7763ARS
Description  Single-Phase Active and Apparent Energy Metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7763ARS Datasheet(HTML) 34 Page - Analog Devices

Back Button ADE7763ARS Datasheet HTML 30Page - Analog Devices ADE7763ARS Datasheet HTML 31Page - Analog Devices ADE7763ARS Datasheet HTML 32Page - Analog Devices ADE7763ARS Datasheet HTML 33Page - Analog Devices ADE7763ARS Datasheet HTML 34Page - Analog Devices ADE7763ARS Datasheet HTML 35Page - Analog Devices ADE7763ARS Datasheet HTML 36Page - Analog Devices ADE7763ARS Datasheet HTML 37Page - Analog Devices ADE7763ARS Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
ADE7763
Rev. A | Page 34 of 56
ENERGIES SCALING
The ADE7763 provides measurements of active and apparent
energies. These measurements do not have the same scaling and
therefore cannot be compared directly to each other.
Table 7. Energies Scaling
PF = 1
PF = 0.707
PF = 0
Integrator on at 50 Hz
Active
Wh
Wh × 0.707
0
Apparent
Wh × 0.848
Wh × 0.848
Wh × 0.848
Integrator off at 50 Hz
Active
Wh
Wh × 0.707
0
Apparent
Wh × 0.848
Wh × 0.848
Wh × 0.848
Integrator on at 60 Hz
Active
Wh
Wh × 0.707
0
Apparent
Wh × 0.827
Wh × 0.827
Wh × 0.827
Integrator off at 60 Hz
Active
Wh
Wh × 0.707
0
Apparent
Wh × 0.827
Wh × 0.827
Wh × 0.827
CALIBRATING AN ENERGY METER
The ADE7763 provides gain and offset compensation for active
and apparent energy calibration. Its phase compensation corrects
phase error in active and apparent energy. If a shunt is used,
offset and phase calibration may not be required. A reference
meter or an accurate source can be used to calibrate
the ADE7763.
When using a reference meter, the ADE7763 calibration output
frequency, CF, is adjusted to match the frequency output of the
reference meter. A pulse output is only provided for the active
energy measurement in the ADE7763. If a reference meter is
used to calibrate the VA, then additional code must be written
in a microprocessor to produce a pulsed output for this
quantity. Otherwise, VA calibration requires an accurate source.
The ADE7763 provides a line cycle accumulation mode for
calibration using an accurate source. In this method, the active
energy accumulation rate is adjusted to produce a desired CF
frequency. The benefit of using this mode is that the effect of the
ripple noise on the active energy is eliminated. Up to 65,535 half
line cycles can be accumulated, therefore providing a stable
energy value to average. The accumulation time is calculated
from the line cycle period, measured by the period register, and
the number of half line cycles in the accumulation, fixed by the
LINECYC register.
Current and voltage rms offset calibration removes apparent
energy offset. A gain calibration is also provided for apparent
energy. Figure 70 shows an optimized calibration flow for active
energy, rms, and apparent energy.
Active and apparent energy gain calibrations can take place
concurrently, with a read of the accumulated apparent energy
register following that of the accumulated active energy register.
Figure 69 shows the calibration flow for the active energy
portion of the ADE7763.
WATT GAIN CALIBRATION
WATT OFFSET CALIBRATION
PHASE CALIBRATION
Figure 69. Active Energy Calibration
WATT/VA GAIN CALIBRATION
WATT OFFSET CALIBRATION
RMS CALIBRATION
PHASE CALIBRATION
Figure 70. Apparent and Active Energy Calibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com