Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7763ARS Datasheet(PDF) 21 Page - Analog Devices

Part # ADE7763ARS
Description  Single-Phase Active and Apparent Energy Metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7763ARS Datasheet(HTML) 21 Page - Analog Devices

Back Button ADE7763ARS Datasheet HTML 17Page - Analog Devices ADE7763ARS Datasheet HTML 18Page - Analog Devices ADE7763ARS Datasheet HTML 19Page - Analog Devices ADE7763ARS Datasheet HTML 20Page - Analog Devices ADE7763ARS Datasheet HTML 21Page - Analog Devices ADE7763ARS Datasheet HTML 22Page - Analog Devices ADE7763ARS Datasheet HTML 23Page - Analog Devices ADE7763ARS Datasheet HTML 24Page - Analog Devices ADE7763ARS Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
ADE7763
Rev. A | Page 21 of 56
×1, ×2, ×4,
×8, ×16
ANALOG
INPUT
RANGE
DIGITAL
INTEGRATOR*
HPF
ADC 1
REFERENCE
2.42V, 1.21V, 0.6V
V1
0V
0.5V, 0.25V,
0.125V, 62.5mV,
31.3mV, 15.6mV,
CHANNEL 1
(CURRENT WAVEFORM)
DATA RANGE
ACTIVE AND REACTIVE
POWER CALCULATION
WAVEFORM SAMPLE
REGISTER
CURRENT RMS (IRMS)
CALCULATION
50Hz
V1P
V1N
PGA1
V1
{GAIN[4:3]}
{GAIN[2:0]}
*WHEN DIGITAL INTEGRATOR IS ENABLED, FULL-SCALE OUTPUT DATA IS ATTENUATED
DEPENDING ON THE SIGNAL FREQUENCY BECAUSE THE INTEGRATOR HAS A –20dB/DECADE
FREQUENCY RESPONSE. WHEN DISABLED, THE OUTPUT IS NOT ATTENUATED FURTHER.
ADC OUTPUT
WORD RANGE
0xD 7AE4
0x0 0000
0x28 51EC
0xD 7AE4
0x00 0000
0x28 51EC
CHANNEL 1
(CURRENT WAVEFORM)
DATA RANGE AFTER
INTEGRATOR (50Hz)
0xEI 08C4
0x00 0000
0x1E F73C
60Hz
CHANNEL 1
(CURRENT WAVEFORM)
DATA RANGE AFTER
INTEGRATOR (60Hz)
0xE6 31F8
0x00 0000
0x19 CE08
dt
Figure 43. ADC and Signal Processing in Channel 1
Channel 1 Sampling
The waveform samples may be routed to the waveform register
(MODE[14:13] = 1, 0) for the system master (MCU) to read. In
waveform sampling mode, set the WSMP bit (Bit 3) in the
interrupt enable register to Logic 1. The active and apparent
power as well as the energy calculation remain uninterrupted
during waveform sampling.
In waveform sampling mode, choose one of four output sample
rates using Bits 11 and 12 of the mode register (WAVSEL 1, 0).
The output sample rate can be 27.9 kSPS, 14 kSPS, 7 kSPS, or
3.5 kSPS—see the Mode Register (0X09) section. The interrupt
request output, IRQ, signals a new sample availability by going
active low. The timing is shown in Figure 44. The 24-bit wave-
form samples are transferred from the ADE7763 one byte (eight
bits) at a time, with the most significant byte shifted out first.
The 24-bit data-word is right justified—see the Serial Interface
section. The interrupt request output IRQ stays low until the
interrupt routine reads the reset status register—see the
Interrupts section.
CHANNEL 1 DATA
(24 BITS)
READ FROM WAVEFORM
SIGN
0
IRQ
SCLK
DIN
DOUT
0 0 01 HEX
Figure 44. Waveform Sampling Channel 1
Channel 1 RMS Calculation
The root mean square (rms) value of a continuous signal V(t) is
defined as
VRMS =
∫
×
T
dt
t
V
T
0
2
)
(
1
(2)
For time sampling signals, the rms calculation involves squaring
the signal, taking the average, and obtaining the square root:
VRMS =
∑
=
×
N
i
i
V
N
1
2
)
(
1
(3)
The ADE7763 simultaneously calculates the rms values for
Channel 1 and Channel 2 in different registers. Figure 45 shows
the detail of the signal processing chain for the rms calculation
on Channel 1. The Channel 1 rms value is processed from the
samples used in the Channel 1 waveform sampling mode. The
Channel 1 rms value is stored in an unsigned, 24-bit register
(IRMS). One LSB of the Channel 1 rms register is equivalent to
1 LSB of a Channel 1 waveform sample. The update rate of the
Channel 1 rms measurement is CLKIN/4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com