Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7763ARS Datasheet(PDF) 42 Page - Analog Devices

Part # ADE7763ARS
Description  Single-Phase Active and Apparent Energy Metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7763ARS Datasheet(HTML) 42 Page - Analog Devices

Back Button ADE7763ARS Datasheet HTML 38Page - Analog Devices ADE7763ARS Datasheet HTML 39Page - Analog Devices ADE7763ARS Datasheet HTML 40Page - Analog Devices ADE7763ARS Datasheet HTML 41Page - Analog Devices ADE7763ARS Datasheet HTML 42Page - Analog Devices ADE7763ARS Datasheet HTML 43Page - Analog Devices ADE7763ARS Datasheet HTML 44Page - Analog Devices ADE7763ARS Datasheet HTML 45Page - Analog Devices ADE7763ARS Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
ADE7763
Rev. A | Page 42 of 56
2
1
2
2
2
1
2
2
2
2
2
1
IRMS
I
×
×
1
SET INTERRUPT ENABLE FOR ZERO
IRMSOS =
I
I
IRMS
I
−
×
−
32768
(63)
whe
and IRMS2 are rms regis r values without offset
correction for input I1 and I2, respectively.
App
Apparent energy gain calibration is provided for both meter-to-
g the VAh/LSB constant.
VAENERGY =
CROSSING ADDR. 0x0A = 0x0010
RESET THE INTERRUPT STATUS
READ REGISTER ADDR. 0x0C
re IRMS1
te
INTERRUPT?
NO
YES
READ VRMS OR IRMS
ADDR. 0x17; 0x16
RESET THE INTERRUPT STATUS
READ REGISTER ADDR. 0x0C
Figure 77. Synchronizing VRMS and IRMS Readings with Zero Crossings
Voltage rms compensation is done after the square root.
VRMS = VRMS0 + VRMSOS
(60)
where:
VRMS0 is the rms measurement without offset correction.
VRMS is linear from full-scale to full-scale/20.
To calibrate the offset, two VRMS measurements are required,
for example, at Vnominal and Vnominal/10. Vnominal is set at half of the
full-scale analog input range so that the smallest linear VRMS
reading is at Vnominal/10.
VRMSOS =
arent Energy
meter gain adjustment and for settin
⎟
⎠
⎞
⎜
⎝
⎛ +
×
×
12
2
1
1
VAGAIN
VADIV
VAENERGY
initial
(64)
tion. It
used to calibrate individual meters.
App
ion should be performed bef
rms
the most efficient use of the c rent
test points. Apparent energy gain and watt gain compensation
requ
s and watt offset correction equire
a lower test current. Apparent energy gain calibration can be
tt-hour gain calibration
line cycle accumulation apparent energy
registers, are both read following the line cycle accumulation
interrupt. Figure 78 shows a flowchart for calibrating active and
appa
VADIV is similar to the CFDEN for the watt-hour calibra
should be the same across all meters and determines the VAh/LSB
constant. VAGAIN is
arent energy gain calibrat
ore
offset correction to make
ur
ire testing at Ib, while rm
r
done simultaneously with the wa
using line cycle accumulation. In this case, LAENERGY and
LVAENERGY, the
rent energy simultaneously.
1
2
2
2
1
V
V
VRMS
V
VRMS
V
−
×
−
×
1
(61)
where VRMS1 and VRMS2 are rms register values without offset
correction for input V1 and V2, respectively.
If the range of the 12-bit, twos complement VRMSOS register is
not enough, use the voltage channel offset register, CH2OS, to
correct the VRMS offset.
Current rms compensation is performed before the square root:
IRMS2 = IRMS02 + 32768 × IRMSOS
(62)
ut offset correction.
a ula
n
m full scale to full
ts are required,
at alf of the full-scale
S reading is at
VAGAIN = INT
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
−
12
)
(
)
(
2
1
nominal
IB
expected
IB
LVAENERGY
LVAENERGY
(65
LVAENERGY
)
IB(expected)
=
INT
⎟
⎟
⎟
⎟
⎞
⎜
⎜
⎜
⎜
⎝
⎛
×
×
×
)
(
s/h
3600
s
time
on
Accumulati
constant
LSB
VAh
I
V
B
nominal
(6
⎠
6)
according to Equation 34. The VAh represented by the
VAENERGY register is
VAh = VAENERGY × VAh/LSB constant
(67)
The VAh/LSB constant can be verified using this equation:
The accumulation time is determined from Equation 33, and
the line period can be determined from the period register
where IRMS0 is the rms measurement witho
The current rms c lc
tio is linear fro
scale/100.
To calibrate this offset, two IRMS measuremen
for example, at Ib and IMAX/50. IMAX is set
h
analog input range so that the smallest linear IRM
IMAX/50.
LVAENERGY
s
time
on
Accumulati
VA
constant
LSB
VAh
3600
)
(
×
=
(68)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com