Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7763ARS Datasheet(PDF) 47 Page - Analog Devices

Part # ADE7763ARS
Description  Single-Phase Active and Apparent Energy Metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7763ARS Datasheet(HTML) 47 Page - Analog Devices

Back Button ADE7763ARS Datasheet HTML 43Page - Analog Devices ADE7763ARS Datasheet HTML 44Page - Analog Devices ADE7763ARS Datasheet HTML 45Page - Analog Devices ADE7763ARS Datasheet HTML 46Page - Analog Devices ADE7763ARS Datasheet HTML 47Page - Analog Devices ADE7763ARS Datasheet HTML 48Page - Analog Devices ADE7763ARS Datasheet HTML 49Page - Analog Devices ADE7763ARS Datasheet HTML 50Page - Analog Devices ADE7763ARS Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
ADE7763
Rev. A | Page 47 of 56
Descr
REGISTERS
Table 9. Summary of Registers by Address
Address
Name
R/W
No. Bits
Default
Type1
iption
0x01
WAVEFORM
R
24
0x0
S
Wavef
wavef
1, Channel 2, or the active power
signal.
selecte
Sampl
orm Register. This read-only register contains the sampled
orm data from either Channel
The data source and the length of the waveform registers are
d by Bits 14 and 13 in the mode register—see the Channel 1
ing and Channel 2 Sampling sections.
0x02
AENERGY
R
24
0x0
S
Active
time in
section.
Energy Register. Active power is accumulated (integrated) over
this 24-bit, read-only register—see the Energy Calculation
0x03
RAENERGY
R
24
0x0
S
Same a
follow
s the active energy register, except that the register is reset to 0
ing a read operation.
0x04
LAENERGY
R
24
0x0
S
Line A
power
numbe
ccumulation Active Energy Register. The instantaneous active
is accumulated in this read-only register over the LINECYC
r of half line cycles.
0x05
VAENERGY
R
24
0x0
U
Appar
ulated over time in
this read-only re
ent Energy Register. Apparent power is accum
gister.
0x06
RVAENERGY
R
24
0x0
U
Same as the VAENERGY register, except that the register is reset to 0
following a read operation.
0x07
LVAENERGY
R
24
0x0
U
Line Accumulation Apparent Energy Register. The instantaneous real
power is accumulated in this read-only register over the LINECYC
number of half line cycles.
0x08
RESERVED
0x09
MODE
R/W
16
0x000C
U
Mode Register. This is a 16-bit register through which most of the
ADE7763’s functionality is accessed. Signal sample rates, filter enabling,
and calibration modes are selected by writing to this register. The
contents can be read at any time—see the Mode Register (0X09) section.
0x0A
IRQEN
R/W
16
0x40
U
Interrupt Enable Register. ADE7763 interrupts can be deactivated at any
time by setting the corresponding bit in this 16-bit enable register to
Logic 0. The status register continues to detect an interrupt event even if
disabled; however, the IRQ output is not activated—see the Interru ts
p
section.
0x0B
STATUS
R
16
0x0
bit read-only register that contains
information regarding the source of ADE7763 interrupts—see the
Interrupts section.
U
Interrupt Status Register. This is a 16-
0x0C
RSTSTATUS
R
16
0x0
U
Same as the interrupt status register, except that the register contents
are reset to 0 (all flags cleared) after a read operation.
0x0D
CH1OS
R/W
8
0x00
S*
Channel 1 Offset Adjust. Bit 6 is not used. Writing to Bits 0 to 5 allows
offsets on Channel 1 to be removed—see the Analog Inputs and CH1OS
Register sections. Writing Logic 1 to the MSB of this register enables the
digital integrator on Channel 1; writing Logic 0 disables the integrator.
The default value of this bit is 0.
0x0E
CH2OS
R/W
8
0x0
S*
Channel 2 Offset Adjust. Bits 6 and 7 are not used. Writing to Bits 0 to 5 of
this register allows offsets on Channel 2 to be removed—see the Analog
Inputs section. Note that the CH2OS register is inverted. To apply a
positive offset, a negative number is written to this register.
0x0F
GAIN
R/W
8
0x0
U
PGA Gain Adjust. This 8-bit register is used to adjust the gain selection for
the PGA in Channels 1 and 2—see the Analog Inputs section.
0x10
PHCAL
R/W
6
0x0D
S
Phase Calibration Register. The phase relationship between Channel 1
and 2 can be adjusted by writing to this 6-bit register. The valid content
of this twos complement register is between 0x1D to 0x21. At the line
frequency of 60 Hz, this ranges from –2.06° to +0.7°—see the Phase
Compensation section.
0x11
APOS
R/W
16
0x0
S
Active Power Offset Correction. This 16-bit register allows small offsets in
the active power calculation to be removed—see the Active Power
Calculation section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com