Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7763ARS Datasheet(PDF) 53 Page - Analog Devices

Part # ADE7763ARS
Description  Single-Phase Active and Apparent Energy Metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7763ARS Datasheet(HTML) 53 Page - Analog Devices

Back Button ADE7763ARS Datasheet HTML 48Page - Analog Devices ADE7763ARS Datasheet HTML 49Page - Analog Devices ADE7763ARS Datasheet HTML 50Page - Analog Devices ADE7763ARS Datasheet HTML 51Page - Analog Devices ADE7763ARS Datasheet HTML 52Page - Analog Devices ADE7763ARS Datasheet HTML 53Page - Analog Devices ADE7763ARS Datasheet HTML 54Page - Analog Devices ADE7763ARS Datasheet HTML 55Page - Analog Devices ADE7763ARS Datasheet HTML 56Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
ADE7763
Rev. A | Page 53 of 56
r. The MSB of this register is used to switch the digital integrator on and off in
offset correction in Channel 1. Table 13 summarizes the function of this register.
CH1OS REGISTER (0x0D)
The CH1OS register is an 8-bit, read/write enabled registe
Channel 1, and Bits 0 to 5 indicate the amount of
Table 13. CH1OS Register
Bit
Location
Bit
Mnemonic
Description
0 to 5
OFFSET
The 6 LSBs of the CH1OS register control the amount of dc offset correction in the Channel 1 ADC. The 6-bit
offset correction is sign and magnitude coded. Bits 0 to 4 indicate the magnitude of the offset correction.
Bit 5 shows the sign of the offset correction. A 0 in Bit 5 means the offset correction is positive, and a 1
indicates the offset correction is negative.
6
Not Used
t used.
This bit is no
7
INTEGRATOR
tting
This bit is used to activate the digital integrator on Channel 1. The digital integrator is switched on by se
this bit. This bit is set to 0 by default.
DIGITAL INTEGRATOR SELECTION
1 = ENABLE
0 = DISABLE
NOT USED
0
0
0
0
00
00
765
4
3210
ADDR: 0x0D
SIGN AND MAGNITUDE CODED
OFFSET CORRECTION BITS
Figure 88. Channel 1 Offset Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com