Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7763ARS Datasheet(PDF) 41 Page - Analog Devices

Part # ADE7763ARS
Description  Single-Phase Active and Apparent Energy Metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7763ARS Datasheet(HTML) 41 Page - Analog Devices

Back Button ADE7763ARS Datasheet HTML 37Page - Analog Devices ADE7763ARS Datasheet HTML 38Page - Analog Devices ADE7763ARS Datasheet HTML 39Page - Analog Devices ADE7763ARS Datasheet HTML 40Page - Analog Devices ADE7763ARS Datasheet HTML 41Page - Analog Devices ADE7763ARS Datasheet HTML 42Page - Analog Devices ADE7763ARS Datasheet HTML 43Page - Analog Devices ADE7763ARS Datasheet HTML 44Page - Analog Devices ADE7763ARS Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
ADE7763
Rev. A | Page 41 of 56
ith an Accurate Source Example
Calibrating Phase w
With an accurate source, line cycle accumulation is a good
method of calibrating phase error. The value of LAENERGY
must be obtained at two power factors, PF = 1 and PF = 0.5
inductive.
SET HALF LINE CYCLES FOR ACCUMULATION
IN LINECYC REGISTER ADDR. 0x1C
SET ITEST = Ib, VTEST = VNOM, PF = 0.5
CALCULATE PHCAL. SEE EQUATION 55.
SET MODE FOR LINE CYCLE
ACCUMULATION ADDR. 0x09 = 0x0080
ENABLE LINE CYCLE ACCUMULATION
INTERRUPT ADDR. 0x0A = 0x04
READ LINE ACCUMULATION ENERGY
ADDR. 0x04
RESET THE INTERRUPT STATUS
READ REGISTER ADDR. 0x0C
INTERRUPT?
NO
NO
YES
YES
RESET THE INTERRUPT STATUS
READ REGISTER ADDR. 0x0C
INTERRUPT?
WRITE PHCAL VALUE TO THE PHCAL
For this example:
Line Frequency:
f = 50 Hz
tor:
CFDEN = 489
Base Current:
Ib = 10 A
Half
LINECYCIB = 2000
PERI D Register:
PERIOD = 8959
Expected Line Accumulation at Unity Power Factor (from Watt
Gain ection):
LAENERGYIB(expected) = 19186
Acti
Energy Reading at PF = 0.5 inductive:
LAENERGYIB, PF = 0.5 = 9613
REGISTER: ADDR. 0x10
Figure 76. Calibrating Phase with an Accurate Source
Meter Constant:
MeterConstant(imp/Wh) = 3.2
Line Voltage:
Vnominal = 220 V
L
CF Numerator:
CFNUM = 0
CF Denomina
Line Cycles Used at Base Current:
O
s
ve
The error using Equation 52 is
Error =
0021
.
0
2
19186
2
19186
9613
=
−
Phase Er
°
−
=
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
07
.
0
3
0021
.
0
ror (°) = −Arcsin
Using Equation 55, PHCAL is 11.
PHCAL = INT
11
13
2
0x0D
360
8959
07
.
0
=
+
−
=
+
⎟
⎠
⎞
⎜
⎝
⎛
°
×
°
−
Note that PHCAL is a signed, twos complement register.
The phase lead is corrected by 0.08 degrees when the PHCAL
register is set to 11:
n (°) = −
Phase Correctio
PERIOD
PHCAL
°
×
−
360
)
0x0D
(
Phase Correction (°) = −
°
=
°
×
−
08
.
0
8960
360
)
0x0D
11
(
VRMS and IRMS Calibration
VRMS and IRMS are calculated by squaring the input in a
digital multiplier.
)
2
cos(
)
sin(
V
2
)
sin(
V
2
)
(
t
t
v
2
×
×
ω
=
t
V
V
t
2
2
ω
−
=
ω
(59)
The s
s value is extract
2
ass
filter
t of the output o
s
the rms value. An offset correction is provided to cancel noise
t.
Ther
oise from the 2ω term because the low-pass
filter does not completely attenuate the signal. This noise can be
min
by synchronizing the rms register readi
zero crossing of the voltage signal. The IRQ
quare of the rm
ed from v (t) by a low-p
. The square roo
f this low-pass filter give
and offset contributions from the inpu
e is ripple n
imized
ngs with the
output can be
al.
ngs of the voltage input.
configured to indicate the zero crossing of the voltage sign
This flowchart demonstrates how VRMS and IRMS readings
are synchronized to the zero crossi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com